Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12516 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12516
Description  Asymmetric beam for wall-washing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12516 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12516 Datasheet HTML 1Page - Ledil, Inc. C12516 Datasheet HTML 2Page - Ledil, Inc. C12516 Datasheet HTML 3Page - Ledil, Inc. C12516 Datasheet HTML 4Page - Ledil, Inc. C12516 Datasheet HTML 5Page - Ledil, Inc. C12516 Datasheet HTML 6Page - Ledil, Inc. C12516 Datasheet HTML 7Page - Ledil, Inc. C12516 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
C12516_RITA-WAS
RITA-WAS
Asymmetric beam for wall-washing
TECHNICAL SPECIFICATIONS:
Dimensions
31.9 x 28.4 mm
Height
17.1 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
Coating
RITA-WAS
Reflector
HRPC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C12516_RITA-WAS
» Box size:
900
360
60
8.0
Last update: 07/12/2019
Subject to change without prior notice
Published: 31/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/8


Similar Part No. - C12516

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12516 CREE-C12516 Datasheet
1Mb / 31P
Rita series
More results

Similar Description - C12516

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16307 LEDIL-C16307 Datasheet
3Mb / 5P
Asymmetric beam for wall-washing
F16859 LEDIL-F16859 Datasheet
4Mb / 6P
Asymmetric beam for wall washing
FCA14295 LEDIL-FCA14295 Datasheet
3Mb / 7P
Asymmetric beam for wall-washing
F15685 LEDIL-F15685 Datasheet
2Mb / 6P
Asymmetric beam for wall-washing
CA13638 LEDIL-CA13638 Datasheet
3Mb / 6P
Asymmetric oval beam for wall-washing
CA13639 LEDIL-CA13639 Datasheet
2Mb / 4P
Asymmetric beam for wall-washing
CA13177 LEDIL-CA13177 Datasheet
5Mb / 9P
Asymmetric beam for wall washing
CP17598 LEDIL-CP17598 Datasheet
1Mb / 4P
Asymmetric beam for wall-washing
CP17592 LEDIL-CP17592 Datasheet
1Mb / 4P
Asymmetric beam for wall-washing
F14344 LEDIL-F14344 Datasheet
9Mb / 10P
Asymmetric beam for wall-washing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com