Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12096 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12096
Description  ~35째 wide beam optimized for CREE MT-G.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12096 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12096 Datasheet HTML 1Page - Ledil, Inc. CA12096 Datasheet HTML 2Page - Ledil, Inc. CA12096 Datasheet HTML 3Page - Ledil, Inc. CA12096 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA12096_MINNIE-W
MINNIE-W
~35° wide beam optimized for CREE MT-G.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35.0 mm
Height
15.8 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
MINNIE-W
Reflector
PC
metal
MINNIE-HLD-2
Holder
PC
black
SPUTNIK-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12096_MINNIE-W
» Box size:
Reflector
840
120
60
0.0
Last update: 25/06/2014
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CA12096

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12096 CREE-CA12096 Datasheet
1Mb / 7P
Minnie-assembly series
More results

Similar Description - CA12096

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11052 LEDIL-CA11052_18 Datasheet
3Mb / 7P
~35째 15째 oval beam optimized for CREE XP-E.
CA12504 LEDIL-CA12504 Datasheet
3Mb / 5P
~40째 wide beam optimized for CREE MT-G. Assembly with holder and installation tape.
CA12505 LEDIL-CA12505 Datasheet
3Mb / 5P
~60째 wide beam optimized for CREE MT-G. Assembly with holder and installation tape.
FA10662 LEDIL-FA10662 Datasheet
1Mb / 5P
~35째 x 25째 rectangular beam optimized for CREE XP-E
CA12239 LEDIL-CA12239 Datasheet
1Mb / 4P
~25째 medium beam optimized for CREE MT-G.
CA12240 LEDIL-CA12240 Datasheet
1Mb / 4P
~70째 wide beam optimized for CREE MT-G.
CA12882 LEDIL-CA12882 Datasheet
2Mb / 4P
~35째 wide beam optimized for LUXEON M/MX.
C13235 LEDIL-C13235 Datasheet
4Mb / 9P
~35째 wide beam optimized for CREE XT-E
FA11200 LEDIL-FA11200 Datasheet
1Mb / 5P
~35째 x 15째 oval beam optimized for CREE XP-E
FP11076 LEDIL-FP11076 Datasheet
1Mb / 7P
~35째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com