Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA16674 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16674
Description  ~20째 40째 oval beam
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16674 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16674 Datasheet HTML 1Page - Ledil, Inc. CA16674 Datasheet HTML 2Page - Ledil, Inc. CA16674 Datasheet HTML 3Page - Ledil, Inc. CA16674 Datasheet HTML 4Page - Ledil, Inc. CA16674 Datasheet HTML 5Page - Ledil, Inc. CA16674 Datasheet HTML 6Page - Ledil, Inc. CA16674 Datasheet HTML 7Page - Ledil, Inc. CA16674 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
CA16674_OLGA-O
OLGA-O
~20° + 40° oval beam. Assembly with holder and
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 32.0 mm
Height
19.1 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
OLGA-O
Single lens
PMMA
clear
OLGA-HLD
Holder
PC
black
SPUTNIK-TAPE3
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA16674_OLGA-O
» Box size: 476 x 273 x 292 mm
Single lens
792
132
66
9.8
Last update: 09/04/2019
Subject to change without prior notice
Published: 20/03/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/8


Similar Part No. - CA16674

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16672 LEDIL-CA16672 Datasheet
6Mb / 7P
~9째 spot beam beam. Optimized for high-power 3535 size LED packages. Assembly with holder and installation tape.
More results

Similar Description - CA16674

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP15306 LEDIL-CP15306 Datasheet
3Mb / 5P
~40째 x 20째 oval beam and holder with location pins
C11917 LEDIL-C11917 Datasheet
2Mb / 5P
~40째 20째 oval beam
C13460 LEDIL-C13460 Datasheet
2Mb / 4P
~45째 20째 oval beam
C14250 LEDIL-C14250 Datasheet
4Mb / 5P
~40째 20째 oval beam
CP12942 LEDIL-CP12942 Datasheet
6Mb / 10P
~40째 x 20째 oval beam
CP12943 LEDIL-CP12943 Datasheet
4Mb / 9P
~40째 x 20째 oval beam
C16673 LEDIL-C16673 Datasheet
2Mb / 5P
~20째 40째 oval beam
C13297 LEDIL-C13297 Datasheet
4Mb / 9P
40째 20째 oval beam optimized for CREE XT-E
C13871 LEDIL-C13871 Datasheet
2Mb / 6P
~45째 20째 oval beam
CN14811 LEDIL-CN14811 Datasheet
5Mb / 11P
~60째 20째 oval beam.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com