Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13235 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13235
Description  ~35째 wide beam optimized for CREE XT-E
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13235 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13235 Datasheet HTML 1Page - Ledil, Inc. C13235 Datasheet HTML 2Page - Ledil, Inc. C13235 Datasheet HTML 3Page - Ledil, Inc. C13235 Datasheet HTML 4Page - Ledil, Inc. C13235 Datasheet HTML 5Page - Ledil, Inc. C13235 Datasheet HTML 6Page - Ledil, Inc. C13235 Datasheet HTML 7Page - Ledil, Inc. C13235 Datasheet HTML 8Page - Ledil, Inc. C13235 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
C13235_SATU-W
SATU-W
~35° wide beam optimized for CREE XT-E
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.8 mm
Height
8.9 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
SATU-W
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C13235_SATU-W
» Box size: 480 x 280 x 300 mm
2880
120
120
7.7
Last update: 17/11/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/9


Similar Part No. - C13235

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13235 CREE-C13235 Datasheet
1Mb / 27P
Satu series
More results

Similar Description - C13235

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11052 LEDIL-CA11052_18 Datasheet
3Mb / 7P
~35째 15째 oval beam optimized for CREE XP-E.
CA12344 LEDIL-CA12344 Datasheet
3Mb / 8P
~40째 wide beam optimized for CREE XP-E.
FA10662 LEDIL-FA10662 Datasheet
1Mb / 5P
~35째 x 25째 rectangular beam optimized for CREE XP-E
FA10832 LEDIL-FA10832 Datasheet
2Mb / 6P
~40째 wide beam optimized for CREE XP-E.
FP11077 LEDIL-FP11077 Datasheet
1Mb / 6P
~45째 wide beam optimized for CREE XP-E.
CA12096 LEDIL-CA12096 Datasheet
1Mb / 4P
~35째 wide beam optimized for CREE MT-G.
C13234 LEDIL-C13234 Datasheet
4Mb / 9P
~19째 spot beam optimized for CREE XT-E
C13297 LEDIL-C13297 Datasheet
4Mb / 9P
40째 20째 oval beam optimized for CREE XT-E
FA11200 LEDIL-FA11200 Datasheet
1Mb / 5P
~35째 x 15째 oval beam optimized for CREE XP-E
FP11076 LEDIL-FP11076 Datasheet
1Mb / 7P
~35째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com