Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEDC2180 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LDEDC2180
Description  PEN-PET H.T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDEDC2180 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LDEDC2180 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDEDC2180 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDEDC2180 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDEDC2180 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDEDC2180 Datasheet HTML 5Page - List of Unclassifed Manufacturers LDEDC2180 Datasheet HTML 6Page - List of Unclassifed Manufacturers LDEDC2180 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDEDC2180 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CAPACITANCE AND VOLTAGE RANGE
STANDARD VERSION
Size table
50Vdc/40Vac
63Vdc/40Vac
Qty
100Vdc/63Vac
Qty
250Vdc/120Vac
Qty
Rated
Cap.
size
H
per
size
H
per
size
H
per
Cap.
size
code
H
max
Part Number
Part Number
reel
size
code
H
max
Part Number
reel
size
code
H
max
Part Number
reel
1000 pF
18.12
1.7
LDECC1100 - -5- -
LDEDC1100 - -5- -
4000
18.12
1.7
LDEEC1100 - -5- -
4000
18.12
1.7
LDEIC1100 - -5- -
4000
1200 pF
18.12
1.7
LDECC1120 - -5- -
LDEDC1120 - -5- -
4000
18.12
1.7
LDEEC1120 - -5- -
4000
18.12
1.7
LDEIC1120 - -5- -
4000
1500 pF
18.12
1.7
LDECC1150 - -5- -
LDEDC1150 - -5- -
4000
18.12
1.7
LDEEC1150 - -5- -
4000
18.12
1.7
LDEIC1150 - -5- -
4000
1800 pF
18.12
1.7
LDECC1180 - -5- -
LDEDC1180 - -5- -
4000
18.12
1.7
LDEEC1180 - -5- -
4000
18.12
1.7
LDEIC1180 - -5- -
4000
2200 pF
18.12
1.7
LDECC1220 - -5- -
LDEDC1220 - -5- -
4000
18.12
1.7
LDEEC1220 - -5- -
4000
18.12
1.7
LDEIC1220 - -5- -
4000
2700 pF
18.12
1.7
LDECC1270 - -5- -
LDEDC1270 - -5- -
4000
18.12
1.7
LDEEC1270 - -5- -
4000
18.12
1.7
LDEIC1270 - -5- -
4000
3300 pF
18.12
1.7
LDECC1330 - -5- -
LDEDC1330 - -5- -
4000
18.12
1.7
LDEEC1330 - -5- -
4000
18.12
1.7
LDEIC1330 - -5- -
4000
3900 pF
18.12
1.7
LDECC1390 - -5- -
LDEDC1390 - -5- -
4000
18.12
1.7
LDEEC1390 - -5- -
4000
18.12
1.7
LDEIC1390 - -5- -
4000
4700 pF
18.12
1.7
LDECC1470 - -5- -
LDEDC1470 - -5- -
4000
18.12
1.7
LDEEC1470 - -5- -
4000
18.12
1.7
LDEIC1470 - -5- -
4000
5600 pF
18.12
1.7
LDECC1560 - -5- -
LDEDC1560 - -5- -
4000
18.12
1.7
LDEEC1560 - -5- -
4000
18.12
1.7
LDEIC1560 - -5- -
4000
6800 pF
18.12
1.7
LDECC1680 - -5- -
LDEDC1680 - -5- -
4000
18.12
1.7
LDEEC1680 - -5- -
4000
18.12
1.7
LDEIC1680 - -5- -
4000
8200 pF
18.12
1.7
LDECC1820 - -5- -
LDEDC1820 - -5- -
4000
18.12
1.7
LDEEC1820 - -5- -
4000
18.12
1.7
LDEIC1820 - -5- -
4000
0.010
μF 18.12
1.7
LDECC2100 - -5- -
LDEDC2100 - -5- -
4000
18.12
1.7
LDEEC2100 - -5- -
4000
18.12
1.7
LDEIC2100 - -5- -
4000
0.012
μF 18.12
1.7
LDECC2120 - -5- -
LDEDC2120 - -5- -
4000
18.12
1.7
LDEEC2120 - -5- -
4000
18.12
1.7
LDEIC2120 - -5- -
4000
0.015
μF 18.12
1.7
LDECC2150 - -5- -
LDEDC2150 - -5- -
4000
18.12
1.7
LDEEC2150 - -5- -
4000
18.12
1.7
LDEIC2150 - -5- -
4000
0.018
μF 18.12
1.7
LDECC2180 - -5- -
LDEDC2180 - -5- -
4000
18.12
1.7
LDEEC2180 - -5- -
4000
22.20
2.3
LDEID2180 - -5- -
3000
0.022
μF 18.12
1.7
LDECC2220 - -5- -
LDEDC2220 - -5- -
4000
18.12
1.7
LDEEC2220 - -5- -
4000
22.20
2.3
LDEID2220 - -5- -
3000
0.027
μF 18.12
1.7
LDECC2270 - -5- -
LDEDC2270 - -5- -
4000
18.12
1.7
LDEEC2270 - -5- -
4000
22.20
2.3
LDEID2270 - -5- -
3000
0.033
μF 18.12
1.7
LDECC2330 - -5- -
LDEDC2330 - -5- -
4000
18.12
1.7
LDEEC2330 - -5- -
4000
22.20
2.3
LDEID2330 - -5- -
3000
0.039
μF 18.12
1.7
LDECC2390 - -5- -
LDEDC2390 - -5- -
4000
18.12
1.7
LDEEC2390 - -5- -
4000
22.20
2.3
LDEID2390 - -5- -
3000
0.047
μF 18.12
2.3
LDECC2470 - -5- -
LDEDC2470 - -5- -
3000
18.12
2.3
LDEEC2470 - -5- -
3000
22.20
2.3
LDEID2470 - -5- -
3000
0.056
μF 18.12
2.3
LDECC2560 - -5- -
LDEDC2560 - -5- -
3000
18.12
2.3
LDEEC2560 - -5- -
3000
22.20
2.3
LDEID2560 - -5- -
3000
0.068
μF 18.12
2.3
LDECC2680 - -5- -
LDEDC2680 - -5- -
3000
18.12
2.3
LDEEC2680 - -5- -
3000
22.20
2.7
LDEID2680 - -5- -
3000
0.082
μF 18.12
2.3
LDECC2820 - -5- -
LDEDC2820 - -5- -
3000
18.12
2.3
LDEEC2820 - -5- -
3000
28.24
3.5
LDEIE2820 - -5- -
2250
0.10
μF 18.12
2.3
LDECC3100 - -5- -
LDEDC3100 - -5- -
3000
18.12
2.3
LDEEC3100 - -5- -
3000
28.24
3.5
LDEIE3100 - -5- -
2250
0.12
μF 18.12
1.7
LDECC3120 - -5- -
LDEDC3120 - -5- -
4000
22.20
2.3
LDEED3120 - -5- -
3000
28.24
3.5
LDEIE3120 - -5- -
2250
0.15
μF 18.12
1.7
LDECC3150 - -5- -
LDEDC3150 - -5- -
4000
22.20
2.3
LDEED3150 - -5- -
3000
28.24
3.5
LDEIE3150 - -5- -
2250
0.18
μF 18.12
2.3
LDECC3180 - -5- -
LDEDC3180 - -5- -
3000
22.20
2.3
LDEED3180 - -5- -
3000
40.30
3.6
LDEIF3180 - -5- -
1500
0.22
μF 18.12
2.3
LDECC3220 - -5- -
LDEDC3220 - -5- -
3000
22.20
2.3
LDEED3220 - -5- -
3000
40.30
3.6
LDEIF3220 - -5- -
1500
0.27
μF 22.20
2.3
LDECD3270 - -5- -
LDEDD3270 - -5- -
3000
22.20
3.3
LDEED3270 - -5- -
2250
40.30
3.6
LDEIF3270 - -5- -
1500
0.33
μF 22.20
2.3
LDECD3300 - -5- -
LDEDD3300 - -5- -
3000
22.20
3.3
LDEED3330 - -5- -
2250
40.30
3.6
LDEIF3330 - -5- -
1500
0.39
μF 22.20
2.3
LDECD3390 - -5- -
LDEDD3390 - -5- -
3000
28.24
3.5
LDEEE3390 - -5- -
2250
50.40
3.6
LDEIG3390- -5- -
1500
0.47
μF 22.20
2.3
LDECD3470 - -5- -
LDEDD3470 - -5- -
3000
28.24
3.5
LDEEE3470 - -5- -
2250
50.40
3.6
LDEIG3470 - -5- -
1500
0.56
μF 22.20
3.3
LDECD3560 - -5- -
LDEDD3560 - -5- -
2250
28.24
3.5
LDEEE3560 - -5- -
2250
50.40
4.0
LDEIG3560 - -5- -
1250
0.68
μF 22.20
3.3
LDECD3680 - -5- -
LDEDD3680 - -5- -
2250
28.24
3.5
LDEEE3680 - -5- -
2250
60.54
4.5
LDEIH3680 - -5- -
750
0.82
μF 28.24
3.5
LDECE3820 - -5- -
LDEDE3820 - -5- -
2250
40.30
3.6
LDEEF3820 - -5- -
1500
60.54
4.5
LDEIH3820 - -5- -
750
1.0
μF 28.24
3.5
LDECE4100 - -5- -
LDEDE4100 - -5- -
2250
40.30
3.6
LDEEF4100 - -5- -
1500
60.54
4.5
LDEIH4100 - -5- -
750
1.2
μF 28.24
3.5
LDECE4120 - -5- -
LDEDE4120 - -5- -
2250
50.40
3.6
LDEEG4120 - -5- -
1500
1.5
μF 50.40
3.6
LDECG4150- -5- -
LDEDG4150- -5- -
1500
50.40
3.6
LDEEG4150 - -5- -
1500
1.8
μF 50.40
3.6
LDECG4180- -5- -
LDEDG4180- -5- -
1500
50.40
3.6
LDEEG4180 - -5- -
1500
2.2
μF 50.40
3.6
LDECG4220- -5- -
LDEDG4220- -5- -
1500
50.40
3.6
LDEEG4220 - -5- -
1500
2.7
μF 50.40
4.5
LDECG4270- -5- -
LDEDG4270- -5- -
1250
60.54
4.5
LDEEH4270 - -5- -
750
3.3
μF 60.54
4.5
LDECH4330 - -5- -
LDEDH4330 - -5- -
750
60.54
4.5
LDEEH4330 - -5- -
750
3.9
μF 60.54
4.5
LDECH4390 - -5- -
LDEDH4390 - -5- -
750
60.54
4.5
LDEEH4390 - -5- -
750
4.7
μF 60.54
4.9
LDECH4470 - -5- -
LDEDH4470 - -5- -
750
60.54
4.9
LDEEH4470 - -5- -
750
Tolerance: J (
5%); K (10%); M (20%)
Dielectric: A (PEN); B (PET H.T.)
Internal use
Packing: N (Tape); M (Loose)
Size conversion and tolerances
Size code
12.06
12.10
18.12
22.20
28.24
40.30
50.40
60.54
L
(mm)
3.2
0.3
3.2
0.3
4.5
0.5
5.7
0.5
7.1
0.5
10.2
0.6
12.7
0.6
15.2
0.6
W
(mm)
1.6
0.3
2.5
0.3
3.2
0.5
5.1
0.5
6.1
0.5
7.6
0.8
10.2
0.8
13.7
0.8
LDE Series
PEN -- PET H.T.
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com