Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA15959 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA15959
Description  Beam for canopy lighting with batwing light distribution.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA15959 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA15959 Datasheet HTML 1Page - Ledil, Inc. CA15959 Datasheet HTML 2Page - Ledil, Inc. CA15959 Datasheet HTML 3Page - Ledil, Inc. CA15959 Datasheet HTML 4Page - Ledil, Inc. CA15959 Datasheet HTML 5Page - Ledil, Inc. CA15959 Datasheet HTML 6Page - Ledil, Inc. CA15959 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CA15959_STRADA-SQ-CY-NP
STRADA-SQ-CY-NP
Beam for canopy lighting with batwing light
distribution. Suitable for symmetrical tunnel
lighting. Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25.0 mm
Height
10.1 mm
Fastening
tape, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-SQ-CY-NP
Single lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA15959_STRADA-SQ-CY-NP
» Box size: 480 x 280 x 300 mm
Single lens
2058
2058
98
7.8
Last update: 13/03/2020
Subject to change without prior notice
Published: 11/06/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CA15959

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15902 LEDIL-CA15902 Datasheet
2Mb / 7P
~190째 side emitter beam
CA15946 LEDIL-CA15946 Datasheet
967Kb / 13P
Strada Assembly
More results

Similar Description - CA15959

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15437 LEDIL-C15437 Datasheet
2Mb / 5P
Beam for canopy lighting with batwing light distribution.
C15920 LEDIL-C15920 Datasheet
3Mb / 5P
Beam for canopy lighting with batwing light distribution.
C16097 LEDIL-C16097 Datasheet
1Mb / 3P
Beam for canopy lighting with batwing light distribution.
F15382 LEDIL-F15382 Datasheet
5Mb / 7P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
C13866 LEDIL-C13866 Datasheet
2Mb / 7P
Beam for canopy lighting with batwing light distribution
C15958 LEDIL-C15958 Datasheet
1Mb / 7P
Beam for canopy lighting with batwing light distribution
CA14219 LEDIL-CA14219 Datasheet
2Mb / 8P
Beam for canopy lighting with batwing light distribution
F14325 LEDIL-F14325 Datasheet
7Mb / 10P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
F14531 LEDIL-F14531 Datasheet
12Mb / 15P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting
F15386 LEDIL-F15386 Datasheet
3Mb / 6P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com