Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEDC2270 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LDEDC2270
Description  PEN-PET H.T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDEDC2270 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  LDEDC2270 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDEDC2270 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDEDC2270 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDEDC2270 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDEDC2270 Datasheet HTML 5Page - List of Unclassifed Manufacturers LDEDC2270 Datasheet HTML 6Page - List of Unclassifed Manufacturers LDEDC2270 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDEDC2270 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CAUTION
SSSS Hand assembly
If PC boards are assembled by hand, care must be taken
to avoid mechanical damage. We recommend:
- Use tweezers, the components should be gripped
across the two terminals, A.
- Avoid any contact with the cut surface, C.
- The usage of a pen under vacuum on the surface B
is recommended.
A
B
C
A
C
B
A = Termination surface
B = External surface
C=Cut surface
Fig. 1
SSSS Soldering iron
In case of hand soldering the following recommandations
must be taken:
- Maximum temperature:
250_C on the soldering
iron.
- Soldering time:
5 s max.
- Avoid contact between the iron soldering and chip.
SSSS Soldering and flux recommendation
- Solder:
SnPb solder paste
- Flux:
no-clean flux.
SSSS Cleaning
To clean flux from the PC board assembly, use a suitable
solvent such as Isopropylalcohol.
Solvents such as Toluene, Xylene and Trichloroethylene
should be avoided.
CORRECTIVE ACTIONS TABLE (problems after soldering process)
TYPE OF DEFECT
CAUSE
POSSIBLE SOLUTION / ACTION
- wrong landing area
- see page 11 /end user
- quality of solder paste
- see page 11 /end user
No solder joint in one end termination
- thermal profile
- see page 11 /end user
No solder joint in one end termination
- bad temperature distribution into the
reflow oven
- decrease time of preheating or
change the orientation of P.C.B.
board/end user.
- too high temperature
- apply suggested thermal profile
(page 11) / end user
Mechanical deformation of the body
- too long time
- apply suggested thermal profile
(page 11) / end user
- moisture inside capacitor
- see use suggestion
(page 11) / end user
Short circuit
- mechanical damage
- take care to hand assembly
(page 12) / end user
Do not hesitate to contact our Technical Service for any doubt or more detailed information.
LDE Series
PEN -- PET H.T.
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com