Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS17307 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS17307
Description  IESNA Type II (medium) beam with minimized house side backlight
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS17307 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS17307 Datasheet HTML 1Page - Ledil, Inc. CS17307 Datasheet HTML 2Page - Ledil, Inc. CS17307 Datasheet HTML 3Page - Ledil, Inc. CS17307 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CS17307_STRADA-IP-2X6-T2-B-PC
STRADA-IP-2X6-T2-B-PC
IESNA Type II (medium) beam with minimized
house side backlight. Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
71.4 x 173.0 mm
Height
12 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-IP-2X6-T2-B-PC
Multi-lens
PC
clear
2X6-SEAL25
Seal
Silicone
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CS17307_STRADA-IP-2X6-T2-B-PC
» Box size: 476 x 273 x 247 mm
Multi-lens
120
40
40
8.1
Last update: 29/10/2019
Subject to change without prior notice
Published: 30/10/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CS17307

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS17-F2GA103MYGSA TDK-CS17-F2GA103MYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS17-F2GA103MYNSA TDK-CS17-F2GA103MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS17-F2GA103MYVSA TDK-CS17-F2GA103MYVSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
DFI Inc
CS170-C246 DFI-CS170-C246 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
CS170-H310 DFI-CS170-H310 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
More results

Similar Description - CS17307

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS15223 LEDIL-CS15223 Datasheet
5Mb / 5P
IESNA Type II (medium) beam with added house side backlight
CS15886 LEDIL-CS15886 Datasheet
5Mb / 9P
IESNA Type II (medium) beam with minimized house side backlight
CS15887 LEDIL-CS15887 Datasheet
5Mb / 8P
IESNA Type lll (medium) beam with minimized backlight
CS16658 LEDIL-CS16658 Datasheet
5Mb / 4P
IESNA Type II (medium) beam with added house side backlight
C15292 LEDIL-C15292 Datasheet
4Mb / 14P
IESNA Type II (medium) beam with added house side backlight
C14948 LEDIL-C14948 Datasheet
1Mb / 6P
IESNA Type III (medium) beam with minimized backlight.
C16637 LEDIL-C16637 Datasheet
2Mb / 9P
IESNA Type II (medium) beam with added house side backlight
C17062 LEDIL-C17062 Datasheet
2Mb / 6P
IESNA Type II (medium) beam with added house side backlight
CS15363 LEDIL-CS15363 Datasheet
5Mb / 18P
IESNA Type II (medium) beam with minimized house side backlight
CS16397 LEDIL-CS16397 Datasheet
4Mb / 9P
IESNA Type II (medium) beam with added house side backlight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com