Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN14645 Datasheet(PDF) 10 Page - Ledil, Inc.

Part # FN14645
Description  IESNA Type IV for wider roads and area lighting like car parks and gardens.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14645 Datasheet(HTML) 10 Page - Ledil, Inc.

Back Button FN14645 Datasheet HTML 3Page - Ledil, Inc. FN14645 Datasheet HTML 4Page - Ledil, Inc. FN14645 Datasheet HTML 5Page - Ledil, Inc. FN14645 Datasheet HTML 6Page - Ledil, Inc. FN14645 Datasheet HTML 7Page - Ledil, Inc. FN14645 Datasheet HTML 8Page - Ledil, Inc. FN14645 Datasheet HTML 9Page - Ledil, Inc. FN14645 Datasheet HTML 10Page - Ledil, Inc. FN14645 Datasheet HTML 11Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRODUCT
DATASHEET
FN14645_STELLA-T4
PHOTOMETRIC DATA (SIMULATED):
LED
CxM-22 (28x28)
FWHM
Asymmetric
Efficiency
91 %
Peak intensity
0.5 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
Bender Wirth: 431 Typ Z1
LED
Fortimo SLM L23 + SLM holder (PI)
FWHM
Asymmetric
Efficiency
92 %
Peak intensity
0.5 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
Last update: 25/02/2019
Subject to change without prior notice
Published: 13/09/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com