Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEDC2820 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LDEDC2820
Description  PEN-PET H.T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDEDC2820 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  LDEDC2820 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDEDC2820 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDEDC2820 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDEDC2820 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDEDC2820 Datasheet HTML 5Page - List of Unclassifed Manufacturers LDEDC2820 Datasheet HTML 6Page - List of Unclassifed Manufacturers LDEDC2820 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDEDC2820 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MOUNTING AND SOLDERING
In order to reach a good solderability, we suggest these rules are followed:
S
Landing area
Land dimensions
Size
A
B
C
D
1206
2.0
1.3
2.4
5.0
1210
3.0
1.3
2.4
5.0
1812
4.0
1.5
3.5
6.5
2220
5.9
1.9
4.5
8.3
2824
7.0
2.5
5.7
10.7
4030
8.6
3.0
8.0
14.0
5040
11.2
3.5
10.3
17.3
6054
14.6
3.6
12.6
19.8
S
Solder paste & quantity
To obtain the best performance we advise to use a solder paste alloy TIN (Sn) - LEAD (Pb) - SILVER (Ag) (typical
values 62% - 36% - 2%) of no clean type. The thickness of solder paste is also important, and from our experience we
suggest the following rule:
Size
Thickness [mm]
from 12.06 to 22.20
0.1to0.15
from 28.24 to 60.54
0.1to0.20
S
Thermal profile
200°C
preheating
time
τ1
τ2
Tmax
Temperature
Preheating: Temperature = 150 to 160°C
Time
= 3 min
Peak:
Max time above 200°C
40 to 50 s and
τ1 τ2
Tmax: from 12.06 to 22.20 Tmax = 225°C
from 28.24 to 60.54 Tmax = 235°C
MOISTURE BARRIER BAG (MBB)
S
Materials
The MBB is made by three layers: PET, Aluminium and PE for a total thickness of 105
μm
S
Moisture resistance
From size 12.06 to 60.54 Arcotronics has tested reels inside this MBB in different extreme conditions
(i.e.: T = 60°C R.H. = 95% 56 days).
The result is: THE CAPACITANCE DOESN’T PRESENT ANY SIGNIFICATIVE CHANGE.
S
Use
After the opening of the MBB the permanence at a temperature
30°C and R.H.60% is allowed for a maximum lapse
of time of 4 weeks.
For longer times and/or higher T and R.H. values, it is absolutely indispensable to protect the component against R.H.
If the reel is partially used, Arcotronics recommend the re-use of the same MBB or a storage in areas with controlled
temperature and humidity.
S
Storage
The minimum MBB shelf life is 12 months.
LDE Series
PEN -- PET H.T.
C
D
A
B
Example for land dimensions
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com