Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEDC3100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LDEDC3100
Description  PEN-PET H.T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDEDC3100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LDEDC3100 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDEDC3100 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDEDC3100 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDEDC3100 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDEDC3100 Datasheet HTML 5Page - List of Unclassifed Manufacturers LDEDC3100 Datasheet HTML 6Page - List of Unclassifed Manufacturers LDEDC3100 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDEDC3100 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CAPACITANCE AND VOLTAGE RANGE
MINIATURE VERSION
Size table
Rated
50Vdc/40Vac
63Vdc/40Vac
Qty
100Vdc/63Vac
Qty
250Vdc/120Vac
Qty
Rated
Cap.
size
H
per
size
H
per
size
H
per
Cap.
size
code
H
max
Part Number
Part Number
reel
size
code
H
max
Part Number
reel
size
code
H
max
Part Number
reel
1000 pF
12.06
1.1
LDECA1100 - -0- -
LDEDA1100 - -0- -
3000
12.06
1.1
LDEEA1100 - -0- -
3000
1200 pF
12.06
1.1
LDECA1120 - -0- -
LDEDA1120 - -0- -
3000
12.06
1.1
LDEEA1120 - -0- -
3000
1500 pF
12.06
1.1
LDECA1150 - -0- -
LDEDA1150 - -0- -
3000
12.06
1.1
LDEEA1150 - -0- -
3000
1800 pF
12.06
1.1
LDECA1180 - -0- -
LDEDA1180 - -0- -
3000
12.06
1.1
LDEEA1180 - -0- -
3000
2200 pF
12.06
1.1
LDECA1220 - -0- -
LDEDA1220 - -0- -
3000
12.06
1.1
LDEEA1220 - -0- -
3000
2700 pF
12.06
1.1
LDECA1270 - -0- -
LDEDA1270 - -0- -
3000
12.06
1.1
LDEEA1270 - -0- -
3000
3300 pF
12.06
1.1
LDECA1330 - -0- -
LDEDA1330 - -0- -
3000
12.06
1.1
LDEEA1330 - -0- -
3000
3900 pF
12.06
1.1
LDECA1390 - -0- -
LDEDA1390 - -0- -
3000
12.06
1.1
LDEEA1390 - -0- -
3000
4700 pF
12.06
1.1
LDECA1470 - -0- -
LDEDA1470 - -0- -
3000
12.06
1.1
LDEEA1470 - -0- -
3000
5600 pF
12.06
1.1
LDECA1560 - -0- -
LDEDA1560 - -0- -
3000
12.06
1.1
LDEEA1560 - -0- -
3000
6800 pF
12.06
1.1
LDECA1680 - -0- -
LDEDA1680 - -0- -
3000
12.06
1.1
LDEEA1680 - -0- -
3000
8200 pF
12.06
1.1
LDECA1820 - -0- -
LDEDA1820 - -0- -
3000
12.06
1.1
LDEEA1820 - -0- -
3000
0.010
μF 12.06
1.1
LDECA2100 - -0- -
LDEDA2100 - -0- -
3000
12.06
1.1
LDEEA2100 - -0- -
3000
0.012
μF 12.06
1.1
LDECA2120 - -0- -
LDEDA2120 - -0- -
3000
12.06
1.1
LDEEA2120 - -0- -
3000
0.015
μF 12.06
1.1
LDECA2150 - -0- -
LDEDA2150 - -0- -
3000
12.06
1.1
LDEEA2150 - -0- -
3000
0.018
μF 12.06
1.1
LDECA2180 - -0- -
LDEDA2180 - -0- -
3000
12.10
1.5
LDEEB2180 - -0- -
2250
18.12
1.7
LDEIC2180 - -0- -
4000
0.022
μF 12.06
1.1
LDECA2220 - -0- -
LDEDA2220 - -0- -
3000
12.10
1.5
LDEEB2220 - -0- -
2250
18.12
2.3
LDEIC2220 - -0- -
3000
0.027
μF 12.06
1.1
LDECA2270 - -0- -
LDEDA2270 - -0- -
3000
12.10
1.5
LDEEB2270 - -0- -
2250
18.12
2.6
LDEIC2270 - -0- -
3000
0.033
μF 12.06
1.1
LDECA2330 - -0- -
LDEDA2330 - -0- -
3000
12.10
1.5
LDEEB2330 - -0- -
2250
18.12
2.6
LDEIC2330 - -0- -
3000
0.039
μF 12.10
2.0
LDECB2390 - -0- -
LDEDB2390 - -0- -
2250
12.10
2.0
LDEEB2390 - -0- -
2250
0.047
μF 12.10
2.0
LDECB2470 - -0- -
LDEDB2470 - -0- -
2250
12.10
2.0
LDEEB2470 - -0- -
2250
0.056
μF 12.10
2.0
LDECB2560 - -0- -
LDEDB2560 - -0- -
2250
0.068
μF 12.10
2.0
LDECB2680 - -0- -
LDEDB2680 - -0- -
2250
0.082
μF 12.10
2.0
LDECB2820 - -0- -
LDEDB2820 - -0- -
2250
22.20
3.3
LDEID2820 - -0- -
2250
0.10
μF 12.10
2.0
LDECB3100 - -0- -
LDEDB3100 - -0- -
2250
22.20
3.3
LDEID3100 - -0- -
2250
0.12
μF
18.12
2.6
LDEEC3120 - -0- -
3000
22.20
4.2
LDEID3120 - -0- -
1750
0.15
μF
0.18
μF
28.24
4.5
LDEIE3180 - -0- -
1750
0.22
μF
28.24
4.5
LDEIE3220 - -0- -
1750
0.27
μF
28.24
5.4
LDEIE3270 - -0- -
1500
0.33
μF
0.39
μF
22.20
4.2
LDEED3390 - -0- -
1750
40.30
4.5
LDEIF3390 - -0- -
1250
0.47
μF
22.20
4.2
LDEED3470 - -0- -
1750
40.30
5.4
LDEIF3470 - -0- -
1000
0.56
μF
22.20
4.4
LDEED3560 - -0- -
1750
40.30
5.6
LDEIF3560 - -0- -
1000
0.68
μF
50.40
4.5
LDEIG3680 - -0- -
1250
0.82
μF 22.20
4.2
LDECD3820 - -0- -
LDEDD3820 - -0- -
1750
28.24
4.5
LDEEE3820 - -0- -
1750
50.40
5.5
LDEIG3820 - -0- -
1000
1.0
μF 22.20
4.2
LDECD4100 - -0- -
LDEDD4100 - -0- -
1750
28.24
5.4
LDEEE4100 - -0- -
1500
1.2
μF
40.30
4.5
LDEEF4120 - -0- -
1250
60.54
5.5
LDEIH4120 - -0- -
750
1.5
μF 28.24
4.5
LDECE4150 - -0- -
LDEDE4150 - -0- -
1750
40.30
4.5
LDEEF4150 - -0- -
1250
60.54
5.7
LDEIH4150 - -0- -
750
1.8
μF 28.24
5.4
LDECE4180 - -0- -
LDEDE4180 - -0- -
1500
40.30
5.4
LDEEF4180 - -0- -
1000
2.2
μF 28.24
5.4
LDECE4220 - -0- -
LDEDE4220 - -0- -
1500
40.30
5.6
LDEEF4220 - -0- -
1000
2.7
μF 40.30
4.5
LDECF4270 - -0- -
LDEDF4270 - -0- -
1250
50.40
5.5
LDEEG4270 - -0- -
1000
3.3
μF 40.30
5.4
LDECF4330 - -0- -
LDEDF4330 - -0- -
1000
50.40
5.5
LDEEG4330 - -0- -
1000
3.9
μF 40.30
5.4
LDECF4390 - -0- -
LDEDF4390 - -0- -
1000
50.40
5.7
LDEEG4390 - -0- -
1000
4.7
μF 50.40
4.5
LDECG4470- -0- -
LDEDG4470- -0- -
1250
Tolerance: J (
5%); K (10%); M (20%)
Dielectric: A (PEN); B (PET H.T.)
Internal use
Packing: N (Tape); M (Loose)
Size conversion and tolerances
Size code
12.06
12.10
18.12
22.20
28.24
40.30
50.40
60.54
L
(mm)
3.2
0.3
3.2
0.3
4.5
0.5
5.7
0.5
7.1
0.5
10.2
0.6
12.7
0.6
15.2
0.6
W
(mm)
1.6
0.3
2.5
0.3
3.2
0.5
5.1
0.5
6.1
0.5
7.6
0.8
10.2
0.8
13.7
0.8
LDE Series
PEN -- PET H.T.
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com