Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97SD3232 Datasheet(PDF) 39 Page - Maxwell Technologies

Part # 97SD3232
Description  1 Gb SDRAM 8-Meg X 32 Bit X 4-Banks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

97SD3232 Datasheet(HTML) 39 Page - Maxwell Technologies

Back Button 97SD3232 Datasheet HTML 31Page - Maxwell Technologies 97SD3232 Datasheet HTML 32Page - Maxwell Technologies 97SD3232 Datasheet HTML 33Page - Maxwell Technologies 97SD3232 Datasheet HTML 34Page - Maxwell Technologies 97SD3232 Datasheet HTML 35Page - Maxwell Technologies 97SD3232 Datasheet HTML 36Page - Maxwell Technologies 97SD3232 Datasheet HTML 37Page - Maxwell Technologies 97SD3232 Datasheet HTML 38Page - Maxwell Technologies 97SD3232 Datasheet HTML 39Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
97SD3232
39
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
1 Gb (8-Meg X 32-Bit X 4-Banks) SDRAM
01.11.05 Rev 2
PRODUCT ORDERING OPTIONS
Model Number
Feature
Option Details
97SD3232
RP
M
X
Screening Flow
Package
Radiation Feature
Base Product
Nomenclature
MCM1
K = Maxwell Self-Defined Class K
H = Maxwell Self-Defined Class H
I = Industrial (testing @ -55°C,
+25°C, +125°C)
E = Engineering (testing @ +25°C)
M = Multi-Layer(Stack-Pak)
RP = RAD-PAK® package
1Gb(8-Meg X 32-Bit X 4-Banks)
SDRAM
1) Products are manufactured and screened to Maxwell Technologies self-defined Class H and Class K flows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com