Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12375 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12375
Description  ~16째 diffused spot beam optimized for CREE XP-E.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12375 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12375 Datasheet HTML 1Page - Ledil, Inc. CA12375 Datasheet HTML 2Page - Ledil, Inc. CA12375 Datasheet HTML 3Page - Ledil, Inc. CA12375 Datasheet HTML 4Page - Ledil, Inc. CA12375 Datasheet HTML 5Page - Ledil, Inc. CA12375 Datasheet HTML 6Page - Ledil, Inc. CA12375 Datasheet HTML 7Page - Ledil, Inc. CA12375 Datasheet HTML 8Page - Ledil, Inc. CA12375 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
CA12375_TINA2-D
TINA2-D
~16° diffused spot beam optimized for CREE
XP-E. Assembly with holder, installation tape
and location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.0 mm
Height
9.5 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
TINA2-XP-D
Single lens
PMMA
clear
TINA2-HLD-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12375_TINA2-D
» Box size: 451 x 241 x 298 mm
Single lens
4140
230
230
8.1
Last update: 11/04/2019
Subject to change without prior notice
Published: 16/11/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/9


Similar Part No. - CA12375

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12375 CREE-CA12375 Datasheet
902Kb / 20P
Tina series
More results

Similar Description - CA12375

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10644 LEDIL-FA10644_18 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E
CA11420 LEDIL-CA11420_18 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E.
CP12678 LEDIL-CP12678_16 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for CREE XP-E. Assembly with holder.
CA12816 LEDIL-CA12816 Datasheet
4Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
CA11482 LEDIL-CA11482 Datasheet
2Mb / 8P
~14째 diffused spot beam optimized for CREE XP-E
CA11959 LEDIL-CA11959 Datasheet
1Mb / 10P
~8째 spot beam optimized for CREE XP-E
CA11960 LEDIL-CA11960 Datasheet
2Mb / 10P
~15째 diffused spot beam optimized for CREE XP-E
CP11632 LEDIL-CP11632 Datasheet
3Mb / 6P
~14째 diffused spot beam optimized for CREE XP-E
FA10663 LEDIL-FA10663 Datasheet
1Mb / 6P
~14째 diffused spot beam optimized for CREE XP-E
FA11739 LEDIL-FA11739 Datasheet
2Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com