Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA13724 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13724
Description  ~13째 spot beam
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13724 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13724 Datasheet HTML 1Page - Ledil, Inc. CA13724 Datasheet HTML 2Page - Ledil, Inc. CA13724 Datasheet HTML 3Page - Ledil, Inc. CA13724 Datasheet HTML 4Page - Ledil, Inc. CA13724 Datasheet HTML 5Page - Ledil, Inc. CA13724 Datasheet HTML 6Page - Ledil, Inc. CA13724 Datasheet HTML 7Page - Ledil, Inc. CA13724 Datasheet HTML 8Page - Ledil, Inc. CA13724 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRODUCT
DATASHEET
CA13724_VERONICA-SQ-RS
VERONICA-SQ-RS
~13° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 22.5 mm
Height
12.2 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
VERONICA-SQ-RS
Single lens
PMMA
clear
VERONICA-TAPE
Tape
PU tape
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA13724_VERONICA-SQ-RS
» Box size: 480 x 280 x 300 mm
Single lens
1980
360
90
8.2
Last update: 18/07/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/15


Similar Part No. - CA13724

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13724 CREE-CA13724 Datasheet
868Kb / 15P
Veronica series
More results

Similar Description - CA13724

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10888 LEDIL-FA10888_18 Datasheet
3Mb / 4P
~13째 spot beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
~13째 spot beam. Assembly with holder and installation tape.
FA11212 LEDIL-FA11212_18 Datasheet
3Mb / 5P
~13째 spot beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA12038 LEDIL-FA12038 Datasheet
2Mb / 4P
~13째 spot beam designed for LUXEON Rebel ES. Assembly with holder and installation tape.
C11773 LEDIL-C11773 Datasheet
2Mb / 4P
~13째 spot beam
F12916 LEDIL-F12916 Datasheet
1Mb / 6P
~5.1째 spot beam
C12041 LEDIL-C12041 Datasheet
3Mb / 6P
~13째 spot beam
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
CA13629 LEDIL-CA13629 Datasheet
8Mb / 10P
~13째 diffused spot beam.
CA13631 LEDIL-CA13631 Datasheet
13Mb / 12P
~40째 x 13째 oval beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com