Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA13726 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13726
Description  ~55째 12째 oval beam
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13726 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13726 Datasheet HTML 1Page - Ledil, Inc. CA13726 Datasheet HTML 2Page - Ledil, Inc. CA13726 Datasheet HTML 3Page - Ledil, Inc. CA13726 Datasheet HTML 4Page - Ledil, Inc. CA13726 Datasheet HTML 5Page - Ledil, Inc. CA13726 Datasheet HTML 6Page - Ledil, Inc. CA13726 Datasheet HTML 7Page - Ledil, Inc. CA13726 Datasheet HTML 8Page - Ledil, Inc. CA13726 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRODUCT
DATASHEET
CA13726_VERONICA-SQ-O
VERONICA-SQ-O
~55° + 12° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 22.5 mm
Height
12.2 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
VERONICA-SQ-O
Single lens
PMMA
clear
VERONICA-TAPE
Tape
PU tape
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA13726_VERONICA-SQ-O
» Box size: 480 x 280 x 300 mm
Single lens
1980
360
90
8.2
Last update: 10/05/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/13


Similar Part No. - CA13726

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13726 CREE-CA13726 Datasheet
2Mb / 45P
Veronica series
More results

Similar Description - CA13726

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
~55째 wide beam
CP14995 LEDIL-CP14995 Datasheet
6Mb / 8P
~35째 12째 oval beam
CA11973 LEDIL-CA11973 Datasheet
4Mb / 4P
~40째 x 12째 oval beam optimized for Nichia 19.
CP12635 LEDIL-CP12635 Datasheet
5Mb / 5P
~40째 x 12째 oval beam
CX11364 LEDIL-CX11364 Datasheet
5Mb / 4P
~40째 x 12째 oval beam optimized for LUXEON Rebel
C12285 LEDIL-C12285 Datasheet
2Mb / 7P
~12째 spot beam
C10590 LEDIL-C10590 Datasheet
1Mb / 5P
~55째 wide beam
CA12012 LEDIL-CA12012 Datasheet
2Mb / 9P
~40째 x 12째 oval beam optimized for CREE XP-E.
CP17153 LEDIL-CP17153 Datasheet
2Mb / 4P
~12째 spot beam
C13529 LEDIL-C13529 Datasheet
9Mb / 12P
~55째 10째 oval beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com