Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA11205 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11205
Description  ~16째 diffused spot beam.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11205 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11205 Datasheet HTML 1Page - Ledil, Inc. FA11205 Datasheet HTML 2Page - Ledil, Inc. FA11205 Datasheet HTML 3Page - Ledil, Inc. FA11205 Datasheet HTML 4Page - Ledil, Inc. FA11205 Datasheet HTML 5Page - Ledil, Inc. FA11205 Datasheet HTML 6Page - Ledil, Inc. FA11205 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
FA11205_TINA-D
TINA-D
~16° diffused spot beam. Assembly with holder,
installation tape and location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.5 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
TINA-D
Single lens
PMMA
clear
TINA-HLD-PIN-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FA11205_TINA-D
» Box size:
Single lens
2016
288
144
4.1
Last update: 13/11/2012
Subject to change without prior notice
Published: 16/11/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - FA11205

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11205 CREE-FA11205 Datasheet
453Kb / 11P
Tina series
More results

Similar Description - FA11205

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10646 LEDIL-FA10646_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83.
CA11172 LEDIL-CA11172_18 Datasheet
3Mb / 6P
~16째 diffused spot beam optimized for Nichia NS6x83
CA11942 LEDIL-CA11942 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NCSxx19
CA12347 LEDIL-CA12347_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Avago Jade.
FCP15343 LEDIL-FCP15343 Datasheet
6Mb / 6P
~16째 smooth spot beam
CA14308 LEDIL-CA14308 Datasheet
3Mb / 5P
~16째 diffused spot beam
CP12671 LEDIL-CP12671 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CP12818 LEDIL-CP12818 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CP17593 LEDIL-CP17593 Datasheet
1Mb / 4P
~16째 diffused spot beam
FA11209 LEDIL-FA11209 Datasheet
1Mb / 5P
~16째 diffused spot beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com