Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA11903 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11903
Description  ~55째 wide beam optimized for CREE XP-E.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11903 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11903 Datasheet HTML 1Page - Ledil, Inc. FA11903 Datasheet HTML 2Page - Ledil, Inc. FA11903 Datasheet HTML 3Page - Ledil, Inc. FA11903 Datasheet HTML 4Page - Ledil, Inc. FA11903 Datasheet HTML 5Page - Ledil, Inc. FA11903 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FA11903_TINA3-WW
TINA3-WW
~55° wide beam optimized for CREE XP-E.
Assembly with holder, installation tape and
location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
7.1 mm
Fastening
pin, tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
TINA3-WW
Single lens
PMMA
clear
TINA3-HLD-PIN-TAPE-XP
Holder
PC
white
TINA-TAPE3
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FA11903_TINA3-WW
» Box size: 470 x 240 x 105 mm
Single lens
2016
288
288
3.2
Last update: 13/09/2013
Subject to change without prior notice
Published: 16/11/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - FA11903

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA11903 ETC2-FA11903 Datasheet
1Mb / 2P
Tina3 Tina3-XM series
More results

Similar Description - FA11903

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12056 LEDIL-CA12056_18 Datasheet
2Mb / 5P
~45째 wide beam optimized for CREE XP-E.
CA11766 LEDIL-CA11766 Datasheet
2Mb / 5P
~65째 wide beam optimized for CREE XP-E
CA12325 LEDIL-CA12325 Datasheet
1Mb / 6P
~65째 wide beam optimized for CREE XP-E.
CA12344 LEDIL-CA12344 Datasheet
3Mb / 8P
~40째 wide beam optimized for CREE XP-E.
CA12392 LEDIL-CA12392 Datasheet
2Mb / 7P
~40째 wide beam optimized for CREE XP-E.
CP12395 LEDIL-CP12395 Datasheet
1Mb / 5P
~40째 wide beam optimized for CREE XP-E.
FA10832 LEDIL-FA10832 Datasheet
2Mb / 6P
~40째 wide beam optimized for CREE XP-E.
FP11077 LEDIL-FP11077 Datasheet
1Mb / 6P
~45째 wide beam optimized for CREE XP-E.
FP11431 LEDIL-FP11431 Datasheet
2Mb / 6P
~80째 wide beam optimized for CREE XP-E.
FA11904 LEDIL-FA11904 Datasheet
2Mb / 8P
~70째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com