Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1707D Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # MK1707D
Description  Low EMI Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1707D Datasheet(HTML) 7 Page - Integrated Circuit Systems

  MK1707D Datasheet HTML 1Page - Integrated Circuit Systems MK1707D Datasheet HTML 2Page - Integrated Circuit Systems MK1707D Datasheet HTML 3Page - Integrated Circuit Systems MK1707D Datasheet HTML 4Page - Integrated Circuit Systems MK1707D Datasheet HTML 5Page - Integrated Circuit Systems MK1707D Datasheet HTML 6Page - Integrated Circuit Systems MK1707D Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Low EMI Clock Generator
MDS 1707D F
7
Revision 102804
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK1707D
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
“LF” denotes Pb (lead) free packaging.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
MK1707D
MK1707D
Tubes
8-pin SOIC
0 to +70
° C
MK1707DTR
MK1707D
Tape and Reel
8-pin SOIC
0 to +70
° C
MK1707DLF
1707DLF
Tubes
8-pin SOIC
0 to +70
° C
MK1707DLFTR
1707DLF
Tape and Reel
8-pin SOIC
0 to +70
° C
MK1707DI
1707DI
Tubes
8-pin SOIC
-40 to +85
° C
MK1707DITR
1707DI
Tape and Reel
8-pin SOIC
-40 to +85
° C
MK1707DILF
1707DIL
Tubes
8-pin SOIC
-40 to +85
° C
MK1707DILFTR
1707DIL
Tape and Reel
8-pin SOIC
-40 to +85
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51.013
.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50.010
.020
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com