Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2007YML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Adjustable Current Limit Power Distribution Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2007YML Datasheet HTML 4Page - Micrel Semiconductor MIC2007YML Datasheet HTML 5Page - Micrel Semiconductor MIC2007YML Datasheet HTML 6Page - Micrel Semiconductor MIC2007YML Datasheet HTML 7Page - Micrel Semiconductor MIC2007YML Datasheet HTML 8Page - Micrel Semiconductor MIC2007YML Datasheet HTML 9Page - Micrel Semiconductor MIC2007YML Datasheet HTML 10Page - Micrel Semiconductor MIC2007YML Datasheet HTML 11Page - Micrel Semiconductor MIC2007YML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Micrel
MIC2007/MIC2017
October 2005
8
M9999-102805
Functional Characteristics
ENABLE
(2.5V/div)
VOUT
(1V/div)
IOUT
(200mA/div)
0
Time (ms)
24
6
810
12
14
VIN = 5.0V
RLOAD
CLOAD = 100µF
Turn-On/Turn-Off
ENABLE
(2.5V/div)
VOUT
(1V/div)
IOUT
(200mA/div)
0
Time (ms)
RL
CSLEW = 0pF
48
12
16
20
24
28
32
36
40
Inrush Current Response
MIC20xx-0.5
Inrush Current
R
Inrush Current Res
0µF
10µF
22µF47µF 100µF
220µF
470µF
ENABLE
(2.5V/div)
VOUT
(1V/div)
IOUT
(250mA/div)
0
Time (ms)
50
100
150
200
250
300
350
400
450
500
550
VIN = 5.0V
RLOAD
CLOAD = 47µF
Current Limit Response Thermal Shutdown
ENABLE
(2.5V/div)
VOUT
(1V/div)
IOUT
(150mA/div)
0
Time (µs)
2000
6000
10000
14000
18000
22000
VIN = 5.0V
RLOAD
CLOAD = 0µF
0pF 100pF
820pF
1800pF
2700pF 3500pF
CSLEW Response
ENABLE
(2.5V/div)
VOUT
(1V/div)
VIN
(1/div)
0
Time (µs)
4
8
12
16
20
24
28
32
36
40
44
48
UVLO Increasing
Enable tied to VIN
ENABLE
(2.5V/div)
VOUT
(1V/div)
VIN
(1/div)
0
Enable tied to VIN
4
8
12
16
20
24
28
32
36
40
44
48
UVLO Decreasing
ponse
Inrush Current Response
Inrush Current Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com