Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8550 Datasheet(PDF) 2 Page - Dc Components

Part # SS8550
Description  TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SS8550 Datasheet(HTML) 2 Page - Dc Components

  SS8550 Datasheet HTML 1Page - Dc Components SS8550 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristic Curves
SS8550
50
100
150
Maximum Collector Dissipation Curve
Ambient Temperature Ta (
°C)
800
400
1200
0
200
600
1000
0
-100
100
1
-0.1
-1
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
-10
10
f = 1 MHz
IE = 0
1mA
0.5mA
I
B=0.1mA
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
-0.0
-1.0
-2.0
-3.0
-4.0
-5.0
-40
-80
-120
-160
-200
-1000
100
300
0
-1
-10
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
-100
150
200
50
VCE = -1 V
Ta = 75
°C
-25
°C
25
°C
250
R
DC COMPONENTS CO., LTD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com