Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G3MX2AB002 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # 3G3MX2AB002
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB002 Datasheet(HTML) 4 Page - Omron Electronics LLC

  3G3MX2AB002 Datasheet HTML 1Page - Omron Electronics LLC 3G3MX2AB002 Datasheet HTML 2Page - Omron Electronics LLC 3G3MX2AB002 Datasheet HTML 3Page - Omron Electronics LLC 3G3MX2AB002 Datasheet HTML 4Page - Omron Electronics LLC 3G3MX2AB002 Datasheet HTML 5Page - Omron Electronics LLC 3G3MX2AB002 Datasheet HTML 6Page - Omron Electronics LLC 3G3MX2AB002 Datasheet HTML 7Page - Omron Electronics LLC 3G3MX2AB002 Datasheet HTML 8Page - Omron Electronics LLC 3G3MX2AB002 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
220 VAC
24 VDC
Speed
Torque response
Torque reference
4
100% Control...
Torque master
The3G3MX2delivers200%starting
torquenearstand-still(0.5Hz)andcan
operateintorquecontrolinopenloop
mode.Thisallowsthe3G3MX2tobeused
inapplicationswhereclosedloopAC
vectordriveswerepreviouslyused.
Easy network integration
Built-inRS485Modbuscommunications
andthepossibilityforintegrationin
standardindustrialnetworks,suchas
DeviceNet,Profibus,EtherNet/IP,
CompoNet,ML-IIorEtherCatmakesthe
3G3MX2exceptionallyeasytointegrate.
External 24 VDC for
continuous operation
Withnoadditionalhardware,a24VDC
connectiontothe3G3MX2ensuresthe
CPUisalwaysincontrol,evenifthemain
inputisremoved.Thisfeatureisvitalin
providingacontrolledstopinemergency
situationsandinkeepingthenetwork
communicationsoperating.
Highstartingtorqueandtorquecontrolcapabilityinopenloop
modegivesyoufullcontrolofyourmachinedynamicsand
performance.Optionsforallofthemajorfieldbussystemsand
a24VDCexternalsupplykeepsyouinfullcontrolofyour
machineoperation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com