Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04-10617-R2 Datasheet(PDF) 22 Page - Microchip Technology

Part # 04-10617-R2
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

04-10617-R2 Datasheet(HTML) 22 Page - Microchip Technology

Back Button 04-10617-R2 Datasheet HTML 18Page - Microchip Technology 04-10617-R2 Datasheet HTML 19Page - Microchip Technology 04-10617-R2 Datasheet HTML 20Page - Microchip Technology 04-10617-R2 Datasheet HTML 21Page - Microchip Technology 04-10617-R2 Datasheet HTML 22Page - Microchip Technology 04-10617-R2 Datasheet HTML 23Page - Microchip Technology 04-10617-R2 Datasheet HTML 24Page - Microchip Technology 04-10617-R2 Datasheet HTML 25Page - Microchip Technology 04-10617-R2 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
PAC1934 Evaluation Board (ADM00805) User’s Guide
DS50002673A-page 22
 2017 Microchip Technology Inc.
FIGURE 3-6:
RECENT LOG FILE WINDOW
3.3
PAC SETTINGS SECTION
Each input channel of the PAC1934 is internally set for unipolar/unidirectional voltage
on VBUS and unidirectional currents on VSENSE by default. However, in the GUI, all four
channels are configured for bidirectional currents by default. This bidirectional setting
avoids clipping of negative values. For bidirectional currents the VSENSE results are in
16-bit two's complement representation. A drop-down menu allows reconfiguring each
channel or turning it off as shown in Figure 3-7 for channel 4 (1). Using the GUI this way
programs the appropriate register for the selected channel.
FIGURE 3-7:
PAC SETTINGS WINDOW
3.3.1
Alert Settings
The check boxes enable turning on the alert function and selecting which type of con-
ditions can trigger the alert function: Conversion Complete or Accumulator Overflow.
The alert status is also displayed underneath the check boxes, as shown in Figure 3-7
(2).
The GUI is not fast enough to capture the conversion based ALERT, which lasts only
5 μS. The SLOW/ALERT pin must be monitored with a circuit fast enough to detect the
5 μS wide ALERT signal to use this function.
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com