Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7805ALPRPDK Datasheet(PDF) 12 Page - Maxwell Technologies

Part # 7805ALPRPDK
Description  16-Bit Latchup Protected ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7805ALPRPDK Datasheet(HTML) 12 Page - Maxwell Technologies

Back Button 7805ALPRPDK Datasheet HTML 8Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 9Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 10Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 11Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 12Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 13Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 14Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 15Page - Maxwell Technologies 7805ALPRPDK Datasheet HTML 16Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected ADC
7805ALP
01.10.05 Rev 9
FIGURE 6. TYPICAL 7805A CIRCUIT WITH 8-BIT BUS INTERFACE
Testing the 7805A Latchup Protection Circuitry
The DECPLNG pin provides direct access to the 7805ALP converter supply pins for attaching external decoupling
capacitor(s) to ground. This pin can also be used to test the LPT™ operation by sinking a pulsed current load to
ground as shown in the test circuit in Figure 5 and as described in the LPT Operating Characteristics Table (Table 17)
and LPT Timing diagram (Figure 7). This test approximates the operation of the 7805A in response to a single event
latchup and recovery.
During the time that the power is cycled, output signals and data from the 7805A are invalid. The STATUS signal HIGH
indicates that power is removed from the ADS7805 die. All input pins must be driven low or tri-stated. When this signal
is low, power is applied to the ADS7805 die. The STATUS signal can be used to measure the supply recovery time.
The status signal can exhibit multiple transitions when power is re-applied and the decoupling capacitors are charged.
The duration and number of transitions is dependent on the amount of capacitance used. The supply recovery time
interval starts when the supply current rises (causing STATUS to go high) and ends when the STATUS signal stabi-
lizes low again.
Within the functional recovery time interval (typically 25 µ sec after the LPT circuit reapplies power), the normal func-
tional operation of the converter is restored with less than 5% full scale error. Additional settling time is then required to
return to full accurate operation. Defined recovery time intervals indicate that time to recover first is within 8-bit accu-
racy, then within 12 bit accuracy, and finally full 16-bit accuracy. These recovery times are primarily due to the single
event and power cycling effects on the reference circuits and the settling times of their respective filter capacitors.
TABLE 17. LPT™ OPERATING CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNITS
Supply threshold current - ITHR
56
77
99
mA
Protection time (IS Peak = .2A) - TPT
--
1
--
µ sec
Input tri-state time - TIOFF
--
--
100
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com