Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CS Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5CS
Description  Temperature Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E5CS Datasheet HTML 2Page - Omron Electronics LLC E5CS Datasheet HTML 3Page - Omron Electronics LLC E5CS Datasheet HTML 4Page - Omron Electronics LLC E5CS Datasheet HTML 5Page - Omron Electronics LLC E5CS Datasheet HTML 6Page - Omron Electronics LLC E5CS Datasheet HTML 7Page - Omron Electronics LLC E5CS Datasheet HTML 8Page - Omron Electronics LLC E5CS Datasheet HTML 9Page - Omron Electronics LLC E5CS Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
E5CS
6
External Connection Diagram
Note: 1. The voltage output (12 VDC, 21 mA) is not electrically isolated from the internal circuits. When using a grounding thermocouple, do not
connect output terminals 4 or 5 to ground. Otherwise, unwanted current paths will cause measurement errors.
2. Models with 100 to 240 VAC and 24 VAC/VDC are separate. Models using 24 VDC have no polarity.
3. Be sure to check the sensor type before using multi-output (thermocouple/platinum resistance thermometer) models.
Nomenclature
E5CS-U Plug-in Models
Sensor
Thermocouple (See note 3.)
Platinum resistance thermometer
(See note 3.)
Thermistor
Plug-in
models
Without
alarms
Voltage output models (See note 1.)
Voltage output models (See note 1.)
Voltage output models (See note 1.)
Relay output models
Relay output models
Relay output models
With
alarms
Relay output models
Relay output models
Relay output models
12 VDC,
21 mA
Voltage
output
4
5
12 VDC,
21 mA
Voltage
output
4
5
12 VDC,
21 mA
Voltage
output
4
5
(K, J)
100 to 240 VAC
24 VAC/VDC
3
4
5
6
7
8
1
2
(See note 2.)
A
B
B
3
4
5
6
7
8
1
2
100 to 240 VAC
24 VAC/VDC
(See note 2.)
3
4
5
6
7
8
1
2
100 to 240 VAC
24 VAC/VDC
(See note 2.)
12 VDC, 21 mA
OUT
4
5
7
8
9
Alarm output 1
Alarm output 2
Voltage output models
(See note 1.)
Two alarm
points
12 VDC, 21 mA
OUT
4
5
7
8
9
Alarm output 1
Alarm output 2
Voltage output models
(See note 1.)
Two alarm
points
12 VDC, 21 mA
OUT
4
5
Voltage output models
(See note 1.)
3
4
5 6 7
8
9
10
11
1
2
Alarm output
100 to 240 VAC
24 VAC/VDC
(See note 2.)
A
B
B
3
4
5 6 7
8
9
10
11
1
2
Alarm output
100 to 240 VAC
24 VAC/VDC
(See note 2.)
3
4
5 6 7
8
9
10
11
1
2
Alarm output
100 to 240 VAC
24 VAC/VDC
(See note 2.)
Output indicator
Temperature display
Alarm indicators
Up Key
Down key
Deviation indicators
Mode indicators
Mode Key



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com