Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDUMV30 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMV30
Description  2.9kW Single-Phase Metered PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV30 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMV30 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV30 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV30 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT
Output Capacity Details
3.05kW (127V), 2.88kW (120V), 2.4kW (100V) / 30A total capacity (Agency de-rated 24A); 20A max per breakered
load bank; 16A max per outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(24) 5-15/20R
Output Nominal Voltage
100; 120; 127
Overload Protection
Two 20A breakers protect 12 outlets each
INPUT
PDU Input Voltage
100; 120; 127
Recommended Electrical Service
30A 120V
Maximum Input Amps
30
Maximum Input Amps Details
Agency de-rated to 24A continuous
PDU Plug Type
NEMA L5-30P
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Set of 2 digital current meters continuously report PDU output current in amps for Bank 1 (20A max) and Bank 2
(20A max) outlets
Front Panel LEDs
Includes 2 built-in 2-character LED meters to display power consumption of items plugged into each separately
breakered 20A loading bank.
Switches
n/a
PHYSICAL
Shipping Dimensions (hwd / in.)
5.000 x 3.000 x 65.000
Shipping Dimensions (hwd / cm)
12.70 x 7.62 x 165.10
Shipping Weight (lbs.)
11.0000
Shipping Weight (kg)
4.99
Unit Dimensions (hwd / in.)
63.75 x 2.25 x 3.75
Unit Dimensions (hwd / cm)
162 x 5.7 x 9.5
Unit Weight (lbs.)
8
Unit Weight (kg)
3.63
Material of Construction
Aluminum
Form Factors Supported
0u vertical installation in equipment racks, plus under-counter and wallmount
PDU Form Factor
Vertical (0U)
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com