Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLW1010 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PLW1010
Description  PowerLINE 1000, 1010 and 1200 Adapters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLW1010 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PLW1010 Datasheet HTML 17Page - List of Unclassifed Manufacturers PLW1010 Datasheet HTML 18Page - List of Unclassifed Manufacturers PLW1010 Datasheet HTML 19Page - List of Unclassifed Manufacturers PLW1010 Datasheet HTML 20Page - List of Unclassifed Manufacturers PLW1010 Datasheet HTML 21Page - List of Unclassifed Manufacturers PLW1010 Datasheet HTML 22Page - List of Unclassifed Manufacturers PLW1010 Datasheet HTML 23Page - List of Unclassifed Manufacturers PLW1010 Datasheet HTML 24Page - List of Unclassifed Manufacturers PLW1010 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
To change your settings:
1. With your WiFi–enabled computer or WiFi device connected to your WiFi network,
open a web browswer window.
2. Navigate to the following address: www.mywifiext.net.
A login window opens.
3. Enter the user name admin and the password.
The initial password depends on the model. For newer PLW1000v2 and PLW1010v2
models, the initial password is the same as the WiFi key password and is printed on
the adapter label. For all PLW1000 and PLW1010 models, and older PLW1000v2
and PLW1010v2 models, the password is password.
The user name and password are case-sensitive.
4. Record the new SSID and key.
Add an Adapter to an Existing PowerLINE
Network
You can add additional adapters to an existing PowerLINE network.
To add an adapter to a PowerLINE network:
1. Plug the adapter into a wall outlet where you want to add Internet access.
2. (Optional) Use the Ethernet cable that came with your adapter to connect the adapter
to an Ethernet port on a computer, game console, Blu-ray player, or other peripheral
device.
The PowerLINE devices attempt to detect each other and form a PowerLINE network.
User Manual
21
PowerLINE Networks
PowerLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com