Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDX231 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PI3HDX231
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX231 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PI3HDX231 Datasheet HTML 7Page - Diodes Incorporated PI3HDX231 Datasheet HTML 8Page - Diodes Incorporated PI3HDX231 Datasheet HTML 9Page - Diodes Incorporated PI3HDX231 Datasheet HTML 10Page - Diodes Incorporated PI3HDX231 Datasheet HTML 11Page - Diodes Incorporated PI3HDX231 Datasheet HTML 12Page - Diodes Incorporated PI3HDX231 Datasheet HTML 13Page - Diodes Incorporated PI3HDX231 Datasheet HTML 14Page - Diodes Incorporated PI3HDX231 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
11 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
Pin #
Pin Name
I/O
Description
20
OUT1P
Output
Main Link 1 data 100 Ω Differential positive output
21
NC
NC
Do Not Connect
22
OUT0N
Output
Main Link 0 data 100 Ω Differential negative output
23
OUT0P
Output
Main Link 0 data 100 Ω Differential positive output
24
GND
Ground
Ground
25
VDD33
Power
3.3V power supply
26
ENABLE
Input
Enable pin. Pulled-up internally with 100 kΩ
"0"= Power down
"1"= Enable. Normal operation
27
AUX_SNKN
I/O
AUX negative channel connected to DP sink device
28
AUX_SNKP
I/O
AUX positive channel connected to DP sink device
29
AUX_SRCN
I/O
AUX negative channel connected to DP source device
30
AUX_SRCP
I/O
AUX positive channel connected to DP source device
31
GND
Ground
Ground
32
VDD33
Power
3.3V power supply
33
SCL_DDC
I/O
DDC clock channel from source-side when CAD_SNK=1
34
SDA_DDC
I/O
DDC Data channel from source-side when CAD_SNK=1
36
VDD33
Power
3.3V power supply
37
NC
NC
Do Not Connect
38
IN0P
Input
Main Link 0 data 100 Ω Differential positive input
39
IN0N
Input
Main Link 0 data 100 Ω Differential negative input
40
EQ
Input
EQ selection pin. This pin is internally biased to 50% of VDD33.
When AUTO_EQ pin = 0, EQ pin can adjust EQ in the fixed pin mode
41
IN1P
Input
Main Link 1 data 100 Ω differential positive input
42
IN1N
Input
Main Link 1 data 100 Ω differential negative input
43
NC
NC
NC
44
IN2P
Input
Main Link 2 data 100 Ω differentia positive input
45
IN2N
Input
Main Link 2 data 100 Ω differentia negative input
46
OC0
Input
Output Voltage Swing Control pin.
Internally pull-up with 100 kΩ
47
IN3P
Input
Main Link 3 data 100 Ω differential positive input
48
IN3N
Input
Main Link 3 data 100 Ω differential negative input
EPAD
EPAD
Ground
Tied to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com