Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDX412BD Datasheet(PDF) 21 Page - Diodes Incorporated

Part # PI3HDX412BD
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX412BD Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button PI3HDX412BD Datasheet HTML 17Page - Diodes Incorporated PI3HDX412BD Datasheet HTML 18Page - Diodes Incorporated PI3HDX412BD Datasheet HTML 19Page - Diodes Incorporated PI3HDX412BD Datasheet HTML 20Page - Diodes Incorporated PI3HDX412BD Datasheet HTML 21Page - Diodes Incorporated PI3HDX412BD Datasheet HTML 22Page - Diodes Incorporated PI3HDX412BD Datasheet HTML 23Page - Diodes Incorporated PI3HDX412BD Datasheet HTML 24Page - Diodes Incorporated PI3HDX412BD Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
21 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
AUX ACK 00218h to 0027Fh
AUX ACK 00201h
AUX write 00260h:
Sink Test request response
Source-side Aux
Sink-side Aux
Enable Test registers (bit[0] = 1)
Do nothing (bit[1] = 1)
Aux reply 00201h
Aux ACK 00201h:
Automated Test Request
Aux read 00218h-0027F:
Test request
Aux reply 00218h
Aux reply 00260h
Figure 4-6: Sink Test Request Transaction in Aux Link Training
A complete two way AUX transaction is defined as one of the following
AUX write and Sink issue ACK reply:
From Source
Sync Start/Start Pattern
4-bit cmd 1000 20-bit address
From Sink ACK
Sync Start bit
00000000
Stop
AUX write and Sink issue NACK reply:
A data byte “M” must follow AUX NACK, “M” indicates the number of data bytes successfully written. When a Source Device is
writing a DPCD address not supported by the Sink Device, the Sink Device shall reply with AUX NACK and “M” equal to zero.
From Source
Sync
Start bit
4-bit cmd 1000 20-bit adr
8-bit length Data Stop
From Sink NACK
Sync
Start bit
00010000
8-bit data byte M Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com