Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440XMT Datasheet(PDF) 31 Page - Microsemi Corporation

Part # VSC7440XMT
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440XMT Datasheet(HTML) 31 Page - Microsemi Corporation

Back Button VSC7440XMT Datasheet HTML 27Page - Microsemi Corporation VSC7440XMT Datasheet HTML 28Page - Microsemi Corporation VSC7440XMT Datasheet HTML 29Page - Microsemi Corporation VSC7440XMT Datasheet HTML 30Page - Microsemi Corporation VSC7440XMT Datasheet HTML 31Page - Microsemi Corporation VSC7440XMT Datasheet HTML 32Page - Microsemi Corporation VSC7440XMT Datasheet HTML 33Page - Microsemi Corporation VSC7440XMT Datasheet HTML 34Page - Microsemi Corporation VSC7440XMT Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
14
Frames are injected without prefix from internal CPU or directly attached CPU.
Frames can be injected with a prefix to accommodate CPU injection from a front port (that may be
directly attached), controlled by ASM:CFG:PORT_CFG.INJ_FORMAT_CFG.
The internal frame header and optional prefix is removed before transmitting the frame on a port. It is
only visible to the user when injecting and extracting frames to or from the switch core and optionally
when sending/receiving frames using the NPI port.
It is possible to configure a port to transmit frames with internal frame headers using
REW:COMMON:PORT_CTRL.KEEP_IFH_SEL. It is also possible to only transmit CPU redirected
frames with Internal frame headers using REW:COMMON:GCPU_CFG.GCPU_KEEP_IFH.
3.3.2
Internal Frame Header Layout
The internal frame header is 28 bytes long. The following illustration shows the layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com