Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP17590 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP17590
Description  ~10째 x 40째 oval beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP17590 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP17590 Datasheet HTML 1Page - Ledil, Inc. CP17590 Datasheet HTML 2Page - Ledil, Inc. CP17590 Datasheet HTML 3Page - Ledil, Inc. CP17590 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP17590_LEILA-SC-O-90
LEILA-SC-O-90
~10° x 40° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.8 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LXP2-O-90
Single lens
PMMA
clear
LEILA-SC-HLD
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP17590_LEILA-SC-O-90
» Box size: 480 x 280 x 300 mm
Single lens
1680
336
112
0.0
Last update: 05/08/2020
Subject to change without prior notice
Published: 05/08/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CP17590

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP17591 LEDIL-CP17591 Datasheet
1Mb / 4P
~40째 wide beam
CP17592 LEDIL-CP17592 Datasheet
1Mb / 4P
Asymmetric beam for wall-washing
CP17593 LEDIL-CP17593 Datasheet
1Mb / 4P
~16째 diffused spot beam
CP17594 LEDIL-CP17594 Datasheet
1Mb / 4P
~14째 spot beam
CP17595 LEDIL-CP17595 Datasheet
1Mb / 4P
~30째 wide beam
More results

Similar Description - CP17590

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14403 LEDIL-CA14403 Datasheet
2Mb / 5P
~40째 x 15째 oval beam
CP12635 LEDIL-CP12635 Datasheet
5Mb / 5P
~40째 x 12째 oval beam
CA12066 LEDIL-CA12066 Datasheet
2Mb / 7P
~45째 x 10째 oval beam
CA11390 LEDIL-CA11390 Datasheet
1Mb / 7P
~10째 x 45째 oval beam
CP12942 LEDIL-CP12942 Datasheet
6Mb / 10P
~40째 x 20째 oval beam
CA11484 LEDIL-CA11484 Datasheet
3Mb / 9P
~10째 x 40째 oval beam optimized for CREE XP-E.
CA14511 LEDIL-CA14511 Datasheet
7Mb / 13P
~10째 x 40째 oval beam optimized for CREE XP-E.
CA14512 LEDIL-CA14512 Datasheet
2Mb / 7P
~10째 x 40째 oval beam optimized for CREE XP-E.
CP11634 LEDIL-CP11634 Datasheet
1Mb / 6P
~10째 x 40째 oval beam optimized for CREE XP-E.
FA11116 LEDIL-FA11116 Datasheet
2Mb / 6P
~10째 x 40째 oval beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com