Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12105 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12105
Description  Basepart for LENA and LENINA reflectors.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12105 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12105 Datasheet HTML 1Page - Ledil, Inc. C12105 Datasheet HTML 2Page - Ledil, Inc. C12105 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C12105_LENA-STD-BASE-CXA20
LENA-STD-BASE-CXA20
Basepart for LENA and LENINA reflectors.
Compatible with CREE CXA2011.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 58.7 mm
Height
14.2 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LENA-STD-BASE-CXA20
Base part
PC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C12105_LENA-STD-BASE-CXA20
» Box size: 380 x 240 x 120 mm
60
60
60
1.0
Last update: 26/10/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C12105

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12105 CREE-C12105 Datasheet
230Kb / 3P
Lena series
logo
C&D Technologies
C12105 CANDD-C12105 Datasheet
1Mb / 3P
Basepart for LENA and LENINA reflectors.PRODUCT
More results

Similar Description - C12105

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12153 LEDIL-C12153 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors
C12229 LEDIL-C12229 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C12292 LEDIL-C12292 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C12691 LEDIL-C12691 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C12924 LEDIL-C12924 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors.
C13088 LEDIL-C13088 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors.
C13324 LEDIL-C13324 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors.
C13868 LEDIL-C13868 Datasheet
5Mb / 3P
Basepart for LENA and LENINA reflectors.
C15083 LEDIL-C15083 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C13186 LEDIL-C13186 Datasheet
2Mb / 3P
Basepart for LENA and LENINA reflectors.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com