Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZBVB6 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZBVB6
Description  blue light block for head 횠22 integral LED 24V screw clamp terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBVB6 Datasheet(HTML) 2 Page - Schneider Electric

  ZBVB6 Datasheet HTML 1Page - Schneider Electric ZBVB6 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Environment
Protective treatment
TH
Ambient air temperature for storage
-40…158 °F (-40…70 °C)
Ambient air temperature for operation
-40…158 °F (-40…70 °C)
IP degree of protection
IP20 IEC 60529
Standards
JIS C8201-5-1
EN/IEC 60947-5-1
EN/IEC 60947-5-4
EN/IEC 60947-1
CSA C22.2 No 14
UL 508
EN/IEC 60947-5-5
JIS C8201-1
Product certifications
CSA
UL listed
Resistance to fast transients
2 kV IEC 61000-4-4
Resistance to electromagnetic fields
9.14 V/m (10 V/m) IEC 61000-4-3
Resistance to electrostatic discharge
6 KV on contact (on metal parts) IEC 61000-4-2
8 kV in free air (in insulating parts) IEC 61000-4-2
Electromagnetic emission
Class B IEC 55011
Ordering and shipping details
Category
22469 - PUSHBUTTON,22MM ACCESSORIES-NEW
Discount Schedule
CS2
GTIN
00785901355427
Package weight(Lbs)
0.01 kg (0.03 lb(US))
Returnability
Yes
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Decla-
ration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS Declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End Of Life Information
WEEE
The product must be disposed on European Union markets following specific
waste collection and never end up in rubbish bins.
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com