Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C17539 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C17539
Description  Colour mixing sublens for BARBARA-G2 and BROOKE-G2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C17539 Datasheet(HTML) 1 Page - Ledil, Inc.

  C17539 Datasheet HTML 1Page - Ledil, Inc. C17539 Datasheet HTML 2Page - Ledil, Inc. C17539 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C17539_BARBARA-RZ-LENS2
BARBARA-RZ-LENS2
Colour mixing sublens for BARBARA-G2 and
BROOKE-G2.
Compatible
with
HEKLA-G2
connectors.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 26.5 mm
Height
8.4 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
BARBARA-RZ-LENS2
Sublens
PC
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C17539_BARBARA-RZ-LENS2
» Box size: 270 x 180 x 115 mm
2160
90
90
1.7
Last update: 08/07/2020
Subject to change without prior notice
Published: 14/07/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C17539

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1750HO ETC2-C1750HO Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
C1750RO ETC2-C1750RO Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
logo
Ledil, Inc.
C17580 LEDIL-C17580 Datasheet
1Mb / 3P
White shade for additional backlight control
More results

Similar Description - C17539

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-3M30-G2 GILWAY-GHB-3M30-G2 Datasheet
3Mb / 3P
GHB-3M30-G2
logo
Pulse A Technitrol Comp...
JTH-0024NL PULSE-JTH-0024NL Datasheet
314Kb / 4P
CONN,RJ45,1X1,10G,G2
logo
Ledil, Inc.
CP10766 LEDIL-CP10766 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Ostar-SMT RGB. Assembly with colour mixing sublens and holder.
CP10944 LEDIL-CP10944_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for CREE MC-E RGB. Assembly with colour mixing sublens and holder.
CP13938 LEDIL-CP13938_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for CREE XM-L RGB. Assembly with colour mixing sublens and holder.
CN14332 LEDIL-CN14332 Datasheet
3Mb / 4P
Asymmetric beam. Assembly with colour mixing sublens.
CN14338 LEDIL-CN14338 Datasheet
5Mb / 4P
Asymmetric beam for wall washing. Assembly with colour mixing sublens.
C13723 LEDIL-C13723 Datasheet
4Mb / 3P
Colour mixing sublens compatible with MIRELLA reflectors
C14658 LEDIL-C14658 Datasheet
5Mb / 3P
Colour mixing sublens for BARBARA-PF, BARBARA-G2 and BROOKE-G2
logo
Kingston Technology Far...
DTEG2 KINGSTON-DTEG2 Datasheet
269Kb / 2P
DataTraveler Elite G2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com