Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97A8 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # 97A8
Description  Sensitive Gate Triacs Sillicon Bidirectional Thyristors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

97A8 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  97A8 Datasheet HTML 1Page - Lite-On Technology Corporation 97A8 Datasheet HTML 2Page - Lite-On Technology Corporation 97A8 Datasheet HTML 3Page - Lite-On Technology Corporation 97A8 Datasheet HTML 4Page - Lite-On Technology Corporation 97A8 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC CURVES
97A8
Characteristic
Symbol
Value
Unit
Thermal Resistance - Junction to Lead
- Junction to Case
- Junction to Ambient
RthJL
RthJC
RthJA
60
75
150
/
℃ W
Maximum Lead Temperature for Soldering Purposes 1/8 from Case for 10 Seconds
TL
260
℃
Characteristics
Symbol
Min
Typ
Max
Unit
Peak Reptitive Forward or Reverse Blocking Current
Tj =25℃
(VD=Rated VDRM and VRRM; Gate OPen)
Tj =110℃
IDRM
IRRM
----
----
----
----
10
100
uA
uA
Peak Forward On-State Voltage
(ITM=± 1A Peak @Tp
2.0 ms, Duty Cycle
2%)
≦
≦
VTM
----
----
1.9
Volts
Gate Trigger Current (VD = 12 Vdc; RL = 100 Ohms)
IGT1
IGT2
IGT3
IGT4
----
----
----
----
----
----
----
----
5.0
5.0
5.0
7.0
mA
Holding Current (VD = 12 V, Initiating Current = ± 200 mA, Gate
Open)
IH
----
1.5
10
mA
Turn-On Time (VD = Rated VDRM , ITM = 1.0 A pk, IG = 25 mA)
tgt
----
2
----
us
Gate Trigger Voltage (VD = 12 Vdc; RL =100 Ohms)
VGT1
VGT2
VGT3
VGT4
----
----
----
----
0.66
0.77
0.84
0.88
2.0
2.0
2.0
2.5
Volts
Latching Current (VD=12V,IG= 10 mA)
IL1
IL2
IL3
IL4
----
----
----
----
1.6
10.5
1.5
2.5
15
20
15
15
mA
Gate Non-Trigger Voltage (VD= 12V, RL= 100 Ohms , TJ=110 ℃)
VGD
0.1
----
----
Volts
Critical Rate of Rise of Off-State Voltage
(VD=Rated VDRM,Exponential Waveform, Gate Open, TJ=110 )
℃
dv/dt
20
60
----
V/us
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (Tc=25
unless otherwise noted)
℃
OFF CHARACTERISTICS
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com