Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2600WT2 Datasheet(PDF) 21 Page - Intel Corporation

Part # S2600WT2
Description  Technical Product Specification (TPS)
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S2600WT2 Datasheet(HTML) 21 Page - Intel Corporation

Back Button S2600WT2 Datasheet HTML 17Page - Intel Corporation S2600WT2 Datasheet HTML 18Page - Intel Corporation S2600WT2 Datasheet HTML 19Page - Intel Corporation S2600WT2 Datasheet HTML 20Page - Intel Corporation S2600WT2 Datasheet HTML 21Page - Intel Corporation S2600WT2 Datasheet HTML 22Page - Intel Corporation S2600WT2 Datasheet HTML 23Page - Intel Corporation S2600WT2 Datasheet HTML 24Page - Intel Corporation S2600WT2 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 176 page
background image
Intel® Server Board S2600WT Technical Product Specification
19
2.2 Product Architecture Overview
The architecture of Intel® Server Board S2600WT is developed around the integrated features and functions
of the Intel® Xeon® processor E5-2600 v3, v4 product family, the Intel® C612 chipset, Intel® Ethernet
Controllers I350 1 GbE or X540 10 GbE, and the Emulex* Pilot-III Baseboard Management Controller.
The following diagram provides an overview of the server board architecture, showing the features and
interconnects of each of the major sub-system components.
Figure 6. Intel® Server Board S2600WT Architectural Block Diagram
Intel® Xeon®
E5-2600 v3, v4
Product Family
CPU-1
DDR4 – CH0
DDR4 – CH1
DDR4 – CH2
DDR4 – CH3
Intel® Xeon®
E5-2600 v3, v4
QPI 9.6 GT/s
QPI 9.6 GT/s
CPU-2
CH0 – DDR4
CH1 – DDR4
CH2 – DDR4
CH3 – DDR4
Riser Slot #3
PCIe* 3.0 x16 (32
/ )
PCIe* 3.0 x8 (16 GB/s)
PCIe* 3.0 x8 (16GB/s)
Riser Slot #1
Riser Slot #2
Intel®
Ethernet
Controller
I350 or X540
Dual Port
1 GbE or
PCIe* 2.0 x8 (10 GB/s)
Intel® C612
Series Chipset
Integrated
BMC
Dedicated Management NIC
RMM4 Lite (Option)
Serial Port B
DH 10 Internal
Serial Port A
RJ45 External
Serial A Jumper
DCD/DSR
Video
Video
Shared Mgmt
Port - 50/100
Mbps
1 GbE
PHY
BMC Flash
16MB
128 MB
DDR3
PCIe* 1.0 x1
USB 2.0 (4,12)
LPC
TPM (Option)
Dual Port Front
Panel Header
USB 3.0 (1,4)
USB 2.0 (10,13)
Internal
Mount
Type-A
USB 2.0 (3)
Stacked Triple
Port Back Panel
USB 3.0 ( 2,3,5)
USB 2.0 (0,1,2)
BIOS Flash
PCIe* 3.0 x8 (16GB/s)
Internal Mount
LP eUSB SSD
(Option)
(Ports 0:3) – SATA
(Ports 0:3) - sSATA
Dual Mini-
SAS HD
Connectors
(Port 4) - SATA – 6 Gbps
(Port 5) - SATA – 6 Gbps
6 Gbps
Rev 1.2
DMI x4 (PCIe* 2.0) (4 GB/s)
USB 2.0 & USB 3.0 I/O Ports
SATA RAID 5 Upgrade Key
Dual Port Front
Panel Header
USB 2.0 (5,6)
PCIe* 3.0 x8 (16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com