| Electronic Components Datasheet Search |
|
USB5806-KD Datasheet(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5806-KD Datasheet(HTML) 40 Page - Microchip Technology |
|
40 / 60 page ![]() USB5806 DS00002236D-page 40 2016-2018 Microchip Technology Inc. 8.9.2 BILLBOARD ENDPOINT FUNCTIONALITY When the applicable GPIOx pin is 0, which indicates that Billboard device must be displayed, the following sequence of events will occur: 1. USB5806 will force the Hub Feature Controller internal device to disconnect from the USB Hub port (emulating a physical detach) 2. USB5806 will force the Hub Feature Controller to re-connect with descriptors that will show the Hub Feature Con- troller endpoint is a Billboard device, compliant to version 1.1 of the Billboard device class specification. 3. USB5806 will start a timer (Timer A) when the Host sets the Hub Feature Controller USB address. This timer will be used to ensure that the Billboard endpoint will not remain permanently attached if it is never accessed. The default Timer A timeout is 20 seconds. 4. This implementation will only support Billboard when a failure occurs, therefore the Device Container uses a static list of device capabilities and will only expose the Billboard Device on failure to enter into Modal Operation and will set the bmConfigured descriptor field to “Unspecified Error” (00b) by default. 5. The Hub Feature Controller will Provide the iAlternateModeString when the host requests it, and will start a timer (Timer B). The default Timer B timeout is 20 seconds. 6. When either timer expires, the USB5806 will force the Hub Feature Controller internal device to disconnect from the USB Hub port (emulating a physical detach). 7. USB5806 will force the Hub Feature Controller to re-connect with the standard Hub Feature Controller Function- ality. TABLE 8-9: USB BILLBOARD CONTROL USBBILLBOARDCNTL (OTP ADDR4 - RESET=0X14) USB BILLBOARD CONTROL BIT NAME R/W DESCRIPTION [7:6] Reserved R/W Always read ‘0’ [5:1] BILLBOARD_EN Pin Select R/W 00000= GPIO64 00001= GPIO1 00010= GPIO2 00011= GPIO3 00100= GPIO65 00101= GPIO66 00110= GPIO67 00111= GPIO23 01000= GPIO10 01001= Reserved 01010= GPIO68 (default) 01011= GPIO6 01100= GPIO69 01101= GPIO70 01110= GPIO71 01111= GPIO5 10000= GPIO4 [0] Billboard Support Enable R/W 0 = Billboard support disabled 1 = Billboard support enabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |