Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7002T-IKDXV Datasheet(PDF) 24 Page - Microchip Technology

Part # USB7002T-IKDXV
Description  4-Port SS/HS USB Type-C??PD Smart Hub
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002T-IKDXV Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB7002T-IKDXV Datasheet HTML 20Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 21Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 22Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 23Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 24Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 25Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 26Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 27Page - Microchip Technology USB7002T-IKDXV Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
USB7002
DS00002670D-page 24
 2018-2019 Microchip Technology Inc.
4.3
SMBus/I2C Connections
Figure 4-3 illustrates the SMBus/I2C connections.
4.4
I2S Connections
Figure 4-4 illustrates the I2S connections.
FIGURE 4-3:
SMBUS/I2C CONNECTIONS
Note:
Resistor values detailed in Figure 4-3 are suggestions. Optimal pull-up values may vary dependent on
external factors.
FIGURE 4-4:
I2S CONNECTIONS
+3.3V
USB7002
x_I2C_CLK
x_I2C_DAT
SMBus/I
2C
Clock
Data
R
+3.3V
R
R = 4.7K for 400/100KHz Master I2C interfaces,
1.0K for 1MHz Master I2C interfaces,
10K for Slave I2C interfaces
USB7002
I2S_LRCK
I2S_SDO
I2S_SD
I2S_MCLK
CODEC
I2S_SCK
+3.3V
I
2S
MSTR_I2C_CLK
MSTR_I2C_DAT
I
2C
Audio Jack
MIC_DET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com