Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R05P09D Datasheet(PDF) 1 Page - Recom International Power

Part # R05P09D
Description  EUROLINE DC/DC-Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05P09D Datasheet(HTML) 1 Page - Recom International Power

  R05P09D Datasheet HTML 1Page - Recom International Power R05P09D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
44
www.recom-international.com
April-2005
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
(VDC)
(VDC)
(mA)
(%)
RxxP3.3D
5, 9, 12, 15, 24
±3.3
±151
70
RxxP05D
5, 9, 12, 15, 24
±5
±100
70-75
RxxP09D
5, 9, 12, 15, 24
±9
±55
70-75
RxxP12D
5, 9, 12, 15, 24
±12
±41
70-75
RxxP15D
5, 9, 12, 15, 24
±15
±33
75-80
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications
(measured at TA = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3, 5V output types
15% max.
(10% to 100% full load)
other output types
10% max.
Output Ripple and Noise (20MHz BW)
200mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
65% min. / 70% typ.
No Load Power Consumption
148mW min. / 220mW typ. / 355mW max.
Isolation Voltage
(tested for 1 minute)
5.200VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
4pF min. / 10pF max.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
MSL Level 1
95% RH
Package Weight
4.3g
MTBF (+25°C)
using MIL-HDBK 217F
1450 x 103 hours
(+85°C)
using MIL-HDBK 217F
230 x 103 hours
1 Watt
SIP 7
Dual Output
Derating-Graph
(Ambient Temperature)
EUROLINE
DC/DC-Converter
RxxPxxD
Series
● Safety standards and approvals:
EN 60950 certified, rated for
250VAC (LVD test report)
● UL-60950-1 / CSA C22.2 certified
● 5.2kVDC Isolation for 1 Minute
● Internal SMD Construction
● Wide Temperature Performance at
full 1 Watt Load, –40°C to +85°C
● 2 chamber-isolated-transformers used for
meeting extra-high-isolation
● UL94V-0 Package Material
● Efficiency to 80%
Features
Unregulated
Converters
The RxxPxx Series of DC/DC Converters are fully certified to EN 60950: 2000.
This makes them ideal for all Telecom and safety applications where approved isolation is required and
UL-60950-1 / CSA C22.2.
Description
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - R05P09D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05P09D RECOM-R05P09D Datasheet
106Kb / 3P
1 Watt SIP 7 Single & Dual Output
R05P09D/P RECOM-R05P09D/P Datasheet
106Kb / 3P
1 Watt SIP 7 Single & Dual Output
More results

Similar Description - R05P09D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05105 RECOM-R05105 Datasheet
86Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
EUROLINE- DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
EUROLINE - DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com