Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJM84PSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM84PSA
Description  P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM84PSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM84PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM84PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJM84PSA
P-Channel MOSFET
2 / 6
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Static Parameters
Drain-Source Breakdown Voltage
-BVDSS -ID=250µA, VGS=0V
50
--
--
V
Zero Gate Voltage Drain Current
-IDSS
-VDS=50V, VGS=0V
--
--
1
µA
-VDS=25V, VGS=0V
--
--
0.1
µA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
--
10
µA
Gate Threshold Voltage Note3
-VGS(th) VDS=VGS, -ID=250µA
0.9
1.6
2
V
Static Drain-Source On-Resistance
Note3
RDS(ON)
-VGS=10V, -ID=0.1A
--
2.5
8
Ω
-VGS=5V, -ID=0.1A
--
3
10
Ω
Forward Transconductance Note3
g
FS
-VDS=25V, -ID=0.1A
50
--
--
V
Dynamic Parameters
Input Capacitance
Ciss
VGS=0V, -VDS=5V, f=1MHz
--
30
--
pF
Output Capacitance
Coss
--
10
--
pF
Reverse Transfer Capacitance
Crss
--
5
--
pF
Switching Parameters
Turn-On DelayTime
tD(on)
-VDD=15V, RL=50Ω,
-ID=2.5A
--
2.5
--
ns
Turn-On Rise Time
tr
--
1
--
ns
Turn-Off DelayTime
tD(off)
--
16
--
ns
Turn-Off Fall Time
tf
--
8
--
ns
Source-Drain Diode characteristics
Diode forward current
-IS
--
--
0.13
A
Diode pulsed forward current
-ISM
--
--
0.52
A
Notes: 1. Repetitive rating : Pulse width limited by junction temperature.
2. Surface mounted on FR4 board , t≤10s.
3. Pulse Test : Pulse Width≤300μs, Duty Cycle≤2%.
Electrical Characteristics (TC = 25℃)
www.pingjingsemi.com
Revision:1.1 Jan-2019
--
Body Diode Forward Voltage
-VSD
-IS=0.13A, VGS=0V
--
--
1.2
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com