Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJM3415PSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3415PSA
Description  Silicon P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3415PSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3415PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJM3415PSA
Silicon P-Channel Power MOSFET
2 / 6
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Type
Max
Units
Static Characteristics
Drain-source breakdown voltage
-V(BR)DSS
VGS = 0V, ID =-250µA
20
V
Zero gate voltage drain current
-IDSS
VDS =-16V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±8V, VDS = 0V
±10
µA
Gate threshold voltage Note2
-VGS(th)
VDS =VGS, ID =-250µA
0.3
0.65
1
V
Drain-source on-resistance Note2
RDS(on)
VGS =-4.5V, ID =-4A
33
50
mΩ
VGS =-2.5V, ID =-4A
45
60
VGS =-1.8V, ID =-2A
63
90
Forward tranconductance Note2
gFS
VDS =-5V, ID =-4A
8
S
Dynamic characteristics
Input Capacitance
Ciss
VDS =-10V,VGS =0V,f=1MHz
1450
pF
Output Capacitance
Coss
205
Reverse Transfer Capacitance
Crss
160
Switching Characteristics
Turn-on delay time
td(on)
VDS=-10V, VGS=-4.5V RGEN =3Ω,
RL=2.5Ω,
9.5
ns
Turn-on rise time
tr
17
Turn-off delay time
td(off)
94
Turn-off fall time
tf
35
Total gate charge
Qg
VDS =-10V,VGS =-4.5V,ID =-4A
17.2
nC
Gate-source charge
Qgs
1.3
Gate-drain charge
Qgd
4.5
Source-Drain Diode characteristics
Diode Forward voltage Note2
-VDS
VGS =0V, IS=-1A
1
V
Notes:1.
Surface mounted on FR4 board,t ≤ 10 sec.
2. Pulse Test : Pulse width≦3 00µs, duty cycle≦2 %.
www.pingjingsemi.com
Revision:
2.0 Jun-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com