Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMF608 Datasheet(PDF) 2 Page - JMicron Technology Corporation

Part # JMF608
Description  SATA III NAND Flash Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMF608 Datasheet(HTML) 2 Page - JMicron Technology Corporation

  JMF608 Datasheet HTML 1Page - JMicron Technology Corporation JMF608 Datasheet HTML 2Page - JMicron Technology Corporation JMF608 Datasheet HTML 3Page - JMicron Technology Corporation JMF608 Datasheet HTML 4Page - JMicron Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMF608
Overviews
JMF608 is a single chip SATA III NAND flash controller. It supports up to 4 channels with 4
CE/channel NAND flash memory. JMF608 provides on-chip RAM buffer, optimized for capacity below
128GB, and is suitable to cost effective, small capacity SSD or hard drive cache application. The
embedded hardwired logic provides the
maximum 300Mbps data read and 200Mbps data write
speed to NAND flash memory.
JMF608 has the best supporting to the latest NAND flash memory, including Toshiba
19nm and Micron 20nm Flash. It also provides the hardwired Error Correction Code (ECC)
engine (up to 40b/1KB), wear leveling, and bad block management technology in this chip.
JMF608 provides embedded processor, internal masked ROM, data SRAM, SATA
link/transport layer, SATA PHY. It supports online firmware upgrade through SATA port. Data
swap between different interfaces can be done very efficiency by DMA without CPU
intervention.
Features
Whole Chip
Integrated SATA III port and 4-channel NAND flash memory controller.
Provides 17 pins GPIO shared by below.
SATA access LED indicator.
UART
4-wire SPI flash
I2C peripheral, such as thermal sensor
JTAG port
Chip configuration
Firmware configurable GPIO
Built-in power-up self-test (BIST).
Manual and automatic self-diagnostics.
External 25MHz crystal oscillator.
3.3V/1.8V/1.2V power supply
9x9mm
2 143-ball TFBGA package
CPU System
On-chip 32-bit microprocessor with ARM9 base instruction set.
On-chip 32KB masked program ROM.
On-chip 384KB program SRAM.
SATA Controller
Compliant with Serial ATA International Organization: Serial ATA Revision 3.1.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com