Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1664SQ Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SD1664SQ
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SD1664SQ Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SD1664SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SD1664SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SD1664SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SD1664SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1664SQ
NPN Transistor
3 / 4
Typical Characteristic Curves
0.1
10
1
10
100
1000
100
10
100
1E-3
1
0
100
200
300
0
25
125
150
0
100
200
300
400
500
600
1E-3
1
0.0
0.4
0.8
1.2
1E-3
1
10
100
1000
0
8
0
25
50
75
100
125
150
500
300
30
3
20
f=1MHz
I
E
=0 / I
C
=0
T
a
=25℃
1
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
10
COLLECTOR CURRENT
I
C
(mA)
V
CE
=5V
T
a
=25℃
I
C
f
T
——
COMMON EMITTER
V
CE
= 3V
T
a
=100℃
T
a
=25℃
0.01
0.1
COLLECTOR CURRENT
I
C
(A)
I
C
h
FE
——
50
75
100
AMBIENT TEMPERATURE
T
(℃)
P
C
——
T
a
0.01
0.1
COLLECTOR CURRENT
I
C
(A)
T
a
=25℃
T
a
=100℃
β=10
I
C
V
BEsat
——
T
a
=25℃
T
a
=100℃
β=10
V
CEsat
——
I
C
0.01
0.1
COLLECTOR CURRENT
I
C
(A)
COMMON
EMITTER
T
a
=25℃
0.80mA
0.72mA
0.64mA
0.56mA
0.48mA
0.40mA
0.32mA
0.24mA
0.16mA
I
B
=0.08mA
246
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
www.pingjingsemi.com
Revision:1.0 Jun-2019



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com