Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX493 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FCX493
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FCX493 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FCX493 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FCX493 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FCX493 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FCX493 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
www.pingjingsemi.com
Revison:1.0
May - 2019
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Units
hFE
100
-
-
-
100
-
300
-
20
-
-
-
Collector Base Cutoff Current
at VCB =
100 V
ICBO
-
-
0.1
μA
Emitter Base Cutoff Current
at VEB =
4 V
IEBO
-
-
0.1
μA
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
120
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
100
-
-
V
Emitter Base Breakdown Voltage
at IE = 1
00 µA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 0.5 A, IB = 50 mA
at IC = 1 A, IB = 100 mA
VCE(sat)
-
-
0.
3
V
Base Emitter Voltage
at VCE =
10 V, IC = 1 A
VBE
-
-
1
V
Transition Frequency
at VCE =
10 V, IC = 50 mA, f = 100 MHz
fT
150
-
-
MHz
DC Current Gain
at VCE = 10 V, IC = 1 mA
at VCE = 10 V, IC = 250 mA
at VCE = 10 V, IC = 500 mA
at VCE = 10 V, IC = 1 A
60
-
-
-
FCX493
NPN Transistor
-
-
0.
6
Base Emitter Saturation Voltage
at IC = 1 A, IB = 100 mA
VBE(sat)
V
-
-
1.1
Cob
-
-
10
pF
Output Capacitance
at VCB =
10 V, f = 1 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com