Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX593 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # FCX593
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

FCX593 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  FCX593 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, FCX593 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, FCX593 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, FCX593 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FCX593
PNP Transistor
1 / 4
Features
SOT-89
Absolute Maximum Ratings (Ta=25℃unless otherwise specified)
Parameter
Symbol
Value
Units
Collector Base Voltage
-VCBO
120
V
Collector Emitter Voltage
-VCEO
100
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
1
A
Pc
500
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
Tstg
- 55 to + 150
℃
As Complementary Type of the NPN Transistor
FCX493 is Recommended
Low Saturation Voltage
High Current
Collector Power Dissipation
Thermal Characteristics
Thermal Resistance,Junction-to-Ambient
250
℃/W
RθJA
www.pingjingsemi.com
Revison:1.0 Apr - 2019
-ICM
2
A
Peak Collector Current


Similar Part No. - FCX593

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX593 ZETEX-FCX593 Datasheet
20Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX593 ZETEX-FCX593 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
logo
Diodes Incorporated
FCX593 DIODES-FCX593 Datasheet
255Kb / 6P
SOT89 Silicon planar high voltage transistor
November 2006
logo
Zetex Semiconductors
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
logo
Diodes Incorporated
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
More results

Similar Description - FCX593

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com