Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMA5D4 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # SAMA5D4
Description  SAMA5D44 Cortex-A5 Microprocessor 512MBytes DDR2 memory
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMA5D4 Datasheet(HTML) 2 Page - ATMEL Corporation

  SAMA5D4 Datasheet HTML 1Page - ATMEL Corporation SAMA5D4 Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2014 Atmel Corporation. / Rev.: Atmel-0763_SAM_SAMa5D4_Xplained_E_A4_102014
Atmel,® Atmel logo and combinations thereof, Enabling Unlimited Possibilities,® and others are registered trademarks or trademarks of Atmel Corporation in U. S. and other
countries. ARM,® ARM Connected® logo and others are the registered trademarks or trademarks of ARM Ltd. Other terms and product names may be trademarks of others.
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel
products. EXCEPT AS SET FORTH IN THE ATMEL TERMS AND CONDITIONS OF SALES LOCATED ON THE ATMEL WEBSITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RE-
LATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT,
CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS AND PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE
THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to
make changes to specifications and products descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall
not be used in, automotive applications. Atmel products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
Atmel Corporation
1600 Technology Drive, San Jose, CA 95110 USA
T : (+1)(408) 441. 0311
F : (+1)(408) 436. 4200
|
www.atmel.com
SAMA5D4 Xplained Ultra
Operating at 840DMIPS (Dhrystone MIPS), the SAMA5D4 MPU is ideal for any high-performance, secure and cost-
sensitive industrial application. High performance computing needs are supported by ARM NEON™ and a 128kB L2 cache
which increases the overall system performance. The SAMA5D4 is an ideal fit for low-cost user interface (UI) applications
that require video playback. The high-grade security features allow you to protect any system against counterfeiting or
software theft, while enabling secure data storage and transfer.
High Performance designed to complement the power of the ARM Cortex-A5 core, the SAMA5D4 delivers
840DMIPS and features an ARM NEON engine for accelerated signal processing for multimedia and graphics.
NEON is a 128-bit SIMD (single instruction, multiple data) architecture extension.
Enhanced User Interfaces The SAMA5D4 integrates a 720p 30fps hardware video decoder for accelerated
video playback using low
power that supports today’s mainstream video standards.
Connectivity The SAMA5D4 series embeds a wide range of advanced communication peripherals and security,
making it ideal for Internet-connected systems.
Advanced Security Features The SAMA5D4
includes features to prevent cloning of your
application as well as to secure your
communications and data storage.
Safety The SAMA5D4 includes functions
which ease the implementation of safety
standards like IEC61508.
Low System Cost with its high level of
system integration, the SAMA5D4 provides
maximum flexibility, while minimizing the
need for expensive additional components.
Features
SAMA5D41
SAMA5D42
SAMA5D43
SAMA5D44
vFPU/Neon/L2 Cache
Yes
Yes
Yes
Yes
DDR Bandwith
16-bit
32-bit
16-bit
32-bit
720p Video HW Decoder
No
No
Yes
Yes
LCD Controller
Yes
Yes
Yes
Yes
Camera Interface
Yes
Yes
Yes
Yes
10/100 EMAC
x2
x2
x2
x2
Crypthography
AES/3DES,
RSA/ECC
AES/3DES,
RSA/ECC
AES/3DES,
RSA/ECC
AES/3DES,
RSA/ECC
Advanced Security(1)
Yes
Yes
Yes
Yes
Packages
BGA289
(14X14)
BGA361
(16x16)
BGA289
(14x14)
BGA361
(16x16)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com