| Electronic Components Datasheet Search |
|
SAMA5D41 Datasheet(PDF) 1 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMA5D41 Datasheet(HTML) 1 Page - ATMEL Corporation |
|
1 / 2 page ![]() SAMA5D4 Xplained Ultra Key Features • SAMA5D44 Cortex-A5 Microprocessor • 512MBytes DDR2 memory • 512MBytes NAND Flash memory • 1 EEPROM with a unique MAC address and serial number • LCD connectors • 10/100 Ethernet MAC with PHY and connector • Three USB connectors (2 Host and 1 Device) • One HDMI connector • 1x SD/eMMC and 1x MicroSD slots • Arduino R3 Shield and Xplained Wing compatible expansions headers • Power measurement straps Introducing the Atmel® | SMART ARM®-based SAMA5D4 Xplained Ultra demo board. This evaluation kit is a fast- prototyping and low-cost evaluation platform for Atmel’s SAMA5D4 Cortex®-A5-based microprocessor (MPU) design. You can download a Linux distribution from linux4sam.com that includes the Linux Kernel 3.10 with LTS (long-term- support). The build incorporates both Linux Mainline and Yocto support. An Android KitKat port will be available in December 2014 on http://www.AT91.com/android4sam. For bare-metal developers not using an operating system, Atmel offers a complete C software package including many examples to get you started fast. The board comes with an HDMI port and a rich set of ready-to-use connectivity and storage peripherals. There are expansion headers for easy customization, including the headers for Arduino Shields and Xplained Wings. You can use the USB device connector to power the board as well as to program and debug it. Last but not least, the SAMA5D4 Xplained Ultra embeds a unique MAC address and serial number which will ease the connection to an Ethernet network. SAMA5D4 Processor Atmel | SMART ARM Cortex-A5-based MPUs provide a balance of capabilities with a rich set of devices that meet your every industrial design need. The SAMA5D4 offers seamless technology for Internet of Things (IoT), consumer, and industrial applications. This includes control panels, communication gateways, imaging terminals, and more. To learn more or order one, please visit: http://www.atmel.com/tools/SAMA5D4-XPLD.aspx |
Similar Part No. - SAMA5D41 |
|
Similar Description - SAMA5D41 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |