Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMD21G Datasheet(PDF) 2 Page - Microchip Technology

Part # SAMD21G
Description  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21G Datasheet(HTML) 2 Page - Microchip Technology

  SAMD21G Datasheet HTML 1Page - Microchip Technology SAMD21G Datasheet HTML 2Page - Microchip Technology SAMD21G Datasheet HTML 3Page - Microchip Technology SAMD21G Datasheet HTML 4Page - Microchip Technology SAMD21G Datasheet HTML 5Page - Microchip Technology SAMD21G Datasheet HTML 6Page - Microchip Technology SAMD21G Datasheet HTML 7Page - Microchip Technology SAMD21G Datasheet HTML 8Page - Microchip Technology SAMD21G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
•
Up to four compare channels with optional complementary output
•
Generation of synchronized pulse width modulation (PWM) pattern across port pins
•
Deterministic fault protection, fast decay and configurable dead-time between
complementary output
•
Dithering that increase resolution with up to 5 bit and reduce quantization error
–
32-bit Real Time Counter (RTC) with clock/calendar function
–
Watchdog Timer (WDT)
–
CRC-32 generator
–
One full-speed (12Mbps) Universal Serial Bus (USB) 2.0 interface
•
Embedded host and device function
•
Eight endpoints
–
Up to six Serial Communication Interfaces (SERCOM), each configurable to operate as either:
•
USART with full-duplex and single-wire half-duplex configuration
•
I2C up to 3.4MHz
•
SPI
•
LIN slave
–
One two-channel Inter-IC Sound (I2S) interface
–
One 12-bit, 350ksps Analog-to-Digital Converter (ADC) with up to 20 channels
•
Differential and single-ended input
•
1/2x to 16x programmable gain stage
•
Automatic offset and gain error compensation
•
Oversampling and decimation in hardware to support 13-, 14-, 15- or 16-bit resolution
–
10-bit, 350ksps Digital-to-Analog Converter (DAC)
–
Two Analog Comparators (AC) with window compare function
–
Peripheral Touch Controller (PTC)
•
256-Channel capacitive touch and proximity sensing
•
I/O
–
Up to 52 programmable I/O pins
•
Drop in compatible with SAM D20
•
Packages
–
64-pin TQFP, QFN, UFBGA
–
48-pin TQFP, QFN, WLCSP
–
32-pin TQFP, QFN, WLCSP
•
Operating Voltage
–
1.62V – 3.63V
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com