Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMR21 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 14Page - ATMEL Corporation SAMR21 Datasheet HTML 15Page - ATMEL Corporation SAMR21 Datasheet HTML 16Page - ATMEL Corporation SAMR21 Datasheet HTML 17Page - ATMEL Corporation SAMR21 Datasheet HTML 18Page - ATMEL Corporation SAMR21 Datasheet HTML 19Page - ATMEL Corporation SAMR21 Datasheet HTML 20Page - ATMEL Corporation SAMR21 Datasheet HTML 21Page - ATMEL Corporation SAMR21 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
4.4.2.
Virtual COM port
The Embedded Debugger acts as a Virtual Com Port gateway by using one of the ATSAMR21G18A
UARTs.
Table 4-12. Virtual COM Port Connections
Pin on SAM R21
Function
PA04
SERCOM0 PAD[0] UART TXD (SAM R21 TX line)
PA05
SERCOM1 PAD[1] UART RXD (SAM R21 RX line)
Related Links
Embedded Debugger on page 8
4.4.3.
Atmel Data Gateway Interface
The Embedded Debugger features an Atmel Data Gateway Interface (DGI) by using either an SPI or I²C
port. The DGI can be used to send a variety of data from the SAM R21 to the host PC.
Table 4-13. DGI Interface Connections When Using SPI
Pin on SAM R21
Function
PA27
GPIO SPI SS (Slave select) (SAM R21 is Master)
PB02
SERCOM5 PAD[0] SPI MISO (Master In, Slave Out)
PB22
SERCOM5 PAD[2] SPI MOSI (Master Out, Slave in)
PB23
SERCOM5 PAD[3] SPI SCK (Clock Out)
Table 4-14. DGI Interface Connections When Using I²C
Pin on SAM R21
Function
PA16
SERCOM1 PAD[0] I²C SDA (Data line)
PA17
SERCOM1 PAD[1] I²C SCL (Clock line)
Four GPIO lines are connected to the Embedded Debugger. The EDBG can monitor these lines and time
stamp pin value changes. This makes it possible to accurately time stamp events in the SAM R21
application code.
Table 4-15. GPIO Lines Connected to the EDBG
Pin on SAM R21
Function
PA08
GPIO0
PA09
GPIO1
PA12
GPIO2
PA14
GPIO3
Related Links
Embedded Debugger on page 8
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com