Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMV71J21 Datasheet(PDF) 9 Page - Microchip Technology

Part # SAMV71J21
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV71J21 Datasheet(HTML) 9 Page - Microchip Technology

Back Button SAMV71J21 Datasheet HTML 5Page - Microchip Technology SAMV71J21 Datasheet HTML 6Page - Microchip Technology SAMV71J21 Datasheet HTML 7Page - Microchip Technology SAMV71J21 Datasheet HTML 8Page - Microchip Technology SAMV71J21 Datasheet HTML 9Page - Microchip Technology SAMV71J21 Datasheet HTML 10Page - Microchip Technology SAMV71J21 Datasheet HTML 11Page - Microchip Technology SAMV71J21 Datasheet HTML 12Page - Microchip Technology SAMV71J21 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
...........continued
Module
Item and Feature
Summary
Affected Silicon
Revisions
A
B
QSPI
13.2 WDRBT
When the QSPI is in SPI mode, the
WDRBT feature is not functional.
X
X
RTC
14.1 RTC_CALR Reset
Value
On Revision A silicon, the reset value of
the RTC_CALR register is 0x01E11220.
X
SDRAMC
15.1 SDRAM Controller
Scrambling Use
Limitation
The scrambling/unscrambling feature of
the SDRAM Controller (SDRAMC) has a
use limitation.
X
X
SDRAMC
15.2 USB and SDRAM
Concurrent Access
Issue
USB module functionality is adversely
affected with concurrent SDRAM
access.
X
X
SMC
16.1 SMC_WPSR
Register Write
Protection
When the write protection feature is
enabled and a write attempt into a
protected register is performed, the
Write Protection Violation Source
(WPVSRC) bit field in the SMC_WPSR
register does not report the right
violation source.
X
SSC
17.1 Inverted Left/Right
Channels
When the SSC is in Slave mode, the TF
signal is derived from the codec and not
controlled by the SSC.
X
SSC
17.2 Unexpected TD
Output Delay
An unexpected delay on TD output may
occur when the SSC is configured under
certain conditions.
X
X
SUPC
18.1 Write-Protection
The SUPC_WUIR register is not write-
protected.
X
X
SUPC
18.2 Programmable
Clock Controller
Programmable Clock Outputs, PCK0–
PCK2, selected from the clock generator
outputs to drive the device PCK pins are
not supported and should not be used.
X
X
TWIHS
19.1 I2C Hold Timing
Incompatibility
The TWIHS module is not compatible
with I2C hold timing.
X
X
TWIHS
19.2 Clear Command
A bus reset using the CLEAR bit of the
TWIHS Control register does not work
correctly during a bus busy state.
X
X
USART
20.1 Flow Control with
DMA
The RTS signal is not connected to the
DMA. Therefore, when DMA is used,
Flow Control is not supported.
X
X
SAM E70/S70/V70/V71 Family
Silicon Issue Summary
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com