Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTRC102SS Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTRC102SS
Description  NPN Digital Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTRC102SS Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTRC102SS Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC102SS Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC102SS Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC102SS Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC102SS Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTRC102SS Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Characteristics at Ta = 25 ℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VO = 5 V, IO = 10 mA
MMBTRC101SS
MMBTRC102SS
MMBTRC103SS
MMBTRC104SS
MMBTRC105SS
MMBTRC106SS
GI
30
50
70
80
80
80
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Output Cutoff Current
at VO = 50 V
IO(OFF)
-
-
500
nA
Input Current
at VI = 5 V
MMBTRC101SS
MMBTRC102SS
MMBTRC103SS
MMBTRC104SS
MMBTRC105SS
MMBTRC106SS
II
-
-
-
-
-
-
-
-
-
-
-
-
1.8
0.88
0.36
0.18
3.6
1.8
mA
Output Voltage
at IO = 10 mA, II = 0.5 mA
VO(ON)
-
-
0.3
V
Input Voltage (ON)
at VO = 0.2 V, IO = 5 mA
MMBTRC101SS
MMBTRC102SS
MMBTRC103SS
MMBTRC104SS
MMBTRC105SS
MMBTRC106SS
VI(ON)
-
-
-
-
-
-
-
-
-
-
-
-
2
2.4
3
5
1.1
1.3
V
Input Voltage (OFF)
at VO = 5 V, IO = 0.1 mA
MMBTRC101SS~104SS
MMBTRC105SS~106SS
VI(OFF)
1
0.5
-
-
-
-
V
Transition Frequency
at VO = 10 V, IO = 5 mA
fT
1)
-
200
-
MHz
MMBTRC101SS~MMBTRC106SS
NPN Digital Transistor
2 / 6
www.pingjingsemi.com
Revision:1.0 Jan-2018



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com